Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65845J0000R030 Datasheet(PDF) 4 Page - EPCOS

Part # B65845J0000R030
Description  Ferrites and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65845J0000R030 Datasheet(HTML) 4 Page - EPCOS

  B65845J0000R030_13 Datasheet HTML 1Page - EPCOS B65845J0000R030_13 Datasheet HTML 2Page - EPCOS B65845J0000R030_13 Datasheet HTML 3Page - EPCOS B65845J0000R030_13 Datasheet HTML 4Page - EPCOS B65845J0000R030_13 Datasheet HTML 5Page - EPCOS B65845J0000R030_13 Datasheet HTML 6Page - EPCOS B65845J0000R030_13 Datasheet HTML 7Page - EPCOS B65845J0000R030_13 Datasheet HTML 8Page - EPCOS B65845J0000R030_13 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly
The set comprises a yoke and a clamp
Yoke
Made of cold rolled steel (0.4 mm) with ground terminal (tinned)
Clamp
Spring clamp, made of bronze (0.4 mm)
Ordering code
Complete mounting assembly
B65846S2000X000
Yoke
Clamp
B65846
Accessories
EP 17


Similar Part No. - B65845J0000R030_13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65845J0000R030 EPCOS-B65845J0000R030 Datasheet
545Kb / 6P
   Ferrites and accessories
logo
TDK Electronics
B65845J0000R030 TDK-B65845J0000R030 Datasheet
168Kb / 9P
   Ferrites and accessories
More results

Similar Description - B65845J0000R030_13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com