Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAN3G40 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MAN3G40
Description  0.3 Inch (7.62mm) COMPACT NUMERIC FRAME DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MAN3G40 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MAN3G40 Datasheet HTML 1Page - Fairchild Semiconductor MAN3G40 Datasheet HTML 2Page - Fairchild Semiconductor MAN3G40 Datasheet HTML 3Page - Fairchild Semiconductor MAN3G40 Datasheet HTML 4Page - Fairchild Semiconductor MAN3G40 Datasheet HTML 5Page - Fairchild Semiconductor MAN3G40 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS(1) (T
A = 25
oC, unless otherwise specified)
Part Number
MAN3H10 MAN3R10 MAN3Y10 MAN3G10
Parameter
MAN3H40 MAN3R40 MAN3Y40 MAN3G40
Units
Continuous Forward Current
25
25
25
25
mA
(each segment)
Peak Forward Current
100
100
100
100
mA
(F = 10KHz, D/F = 1/10)
Power Dissipation (P
D)
60
60
60
60
mW
*Derate Linearly from 25oC
0.36
0.36
0.36
0.36
mW
Reverse Voltage per Die
5 Volts
Operating and Storage Temperature Range
-40oC to +85oC
Lead soldering time (1/16 inch from standoffs)
5 seconds @ 230oC
ELECTRO-OPTICAL CHARACTERISTICS(1) (T
A = 25
oC, unless otherwise specified)
Part Number
MAN3H10 MAN3R10 MAN3Y10 MAN3G10
Parameter
MAN3H40 MAN3R40 MAN3Y40 MAN3G40
Units Test Condition
Luminous intensity(2) (I
V)
Minimum ( Standard Current)
6000
4000
8000
1500
ucd
I
F = 10mA
Typical (Standard Current)
7800
5800
12800
2500
ucd
I
F = 10mA
Minimum (Low Current)
510
510
510
510
ucd
I
F = 2mA
Typical (Low Current)
1000
1000
1000
1000
ucd
I
F = 2mA
Forward Voltage (V
F)
Typical (Standard Current)
2.05
2.05
2.05
2.05
Volts I
F = 10mA
Maximum (Standard Current)
2.45
2.45
2.45
2.45
Volts I
F = 10mA
Typical (Low Current)
1.80
1.80
1.80
1.80
Volts I
F = 2mA
Maximum (Low Current)
2.20
2.20
2.20
2.20
Volts I
F = 2mA
Peak Wavelength
632
639
591
565
nm
I
F = 10mA
Dominant Wavelength
624
631
585
570
nm
I
F = 10mA
Spectral Line 1/2 Width
20
20
20
20
nm
I
F = 10mA
Reverse B(3).Voltage (V
R)
5
5
5
5
Volts I
R = 100uA
NOTES:
(1) Data per individual LED element
(2) Luminous intensity (ucd) = average light output per segment
(3) B = breakdown
0.3 Inch (7.62mm) COMPACT
NUMERIC FRAME DISPLAY


Similar Part No. - MAN3G40

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MAN3010A QT-MAN3010A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
MAN3010A FAIRCHILD-MAN3010A Datasheet
579Kb / 8P
   DOUBLE HETEROJUNCTION LOW CURRENT DISPLAYS
logo
QT Optoelectronics
MAN3020A QT-MAN3020A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
MAN3020A FAIRCHILD-MAN3020A Datasheet
579Kb / 8P
   DOUBLE HETEROJUNCTION LOW CURRENT DISPLAYS
logo
QT Optoelectronics
MAN3040A QT-MAN3040A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
More results

Similar Description - MAN3G40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MANC3110 FAIRCHILD-MANC3110 Datasheet
932Kb / 7P
   7.6mm 0.3 inch COMPACT NUMERIC FRAME DISPLAY
logo
SunLED Corporation
DMR07C2-A SUNLED-DMR07C2-A Datasheet
188Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUG07A2-A SUNLED-DUG07A2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUY07A2-A SUNLED-DUY07A2-A Datasheet
191Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DMR07A SUNLED-DMR07A Datasheet
186Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07C2-A SUNLED-DUR07C2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DMR07C SUNLED-DMR07C Datasheet
184Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07A SUNLED-DUR07A Datasheet
186Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUG07A SUNLED-DUG07A Datasheet
186Kb / 4P
   7.62mm (0.3?? SINGLE DIGIT NUMERIC DISPLAY
DUR07A2-A SUNLED-DUR07A2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com