Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETED2E331HJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETED2E331HJ
Description  Aluminum Electrolytic Capacitors/ ED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2E331HJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETED2E331HJ Datasheet HTML 1Page - Panasonic Semiconductor EETED2E331HJ Datasheet HTML 2Page - Panasonic Semiconductor EETED2E331HJ Datasheet HTML 3Page - Panasonic Semiconductor EETED2E331HJ Datasheet HTML 4Page - Panasonic Semiconductor EETED2E331HJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aluminum Electrolytic Capacitors/ ED
— EE127 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
ED
TS
Series:
Type :
Japan
U.S.A
Malaysia
Frequency (Hz)
50
60
100
120
500
1k
10k to
0.5
0.55
0.68
0.70
0.85
0.90
1.00
Snap-in Type
n
Features
n
Specifications
(µA) max. after 5 minutes application of rated working voltage at +20
°C
C:Capacitance(µF) V: W.V. (V.DC)
3
√CV
Category temp. range
Rated W.V. Range
Nominal Cap. Range
DC Leakage Current
Capacitance Tolerance
tan
δ
Endurance
Shelf Life
After 3000 hours application of DC voltage with specified ripple current (< rated DC working
voltage) at +105
°C, the capacitor shall meet the following limits.
Please see the attached standard products list
Capacitance change
tan
δ
DC leakage current
±20 % of initial measured value
<
200 % of initial specified value
<
initial specified value
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance(With voltage treatment)
Correction Factor
Frequency Correction
Factor for Ripple Current
Endurance: 105
°C 3000h
High ripple current capability in
high frequency range.
High ripple current and miniaturization
to help miniaturization of equipment.
RoHS directive compliant
-40 to +105
°C
-25 to + 105
°C
200,220,250 V.DC
400, 420, 450 V .DC
220 to 2200 µF
56 to 560 µ F
±20 % (120Hz/+20
°C)
n
Dimensions in mm (not to scale)
10.0±0.1
L+2.0 max
(10.0) 2-
φ2.0±0.1
PET Sleeve
Vent
Polarity bar
Recommended PWB piercing plan
Country of Origin
Terminal
(t= 0.8)
+0.2
0.8
-0.1
1.5 ± 0.2
2.0max
Bottom of can
Standard terminal type does not require
terminal trimming process.
4.0± 0.5


Similar Part No. - EETED2E331HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2E331HJ PANASONIC-EETED2E331HJ Datasheet
215Kb / 4P
   Snap-in Type
More results

Similar Description - EETED2E331HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com