Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX1260NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # HX1260NL
Description  Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

HX1260NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  HX1260NL Datasheet HTML 1Page - Pulse A Technitrol Company HX1260NL Datasheet HTML 2Page - Pulse A Technitrol Company HX1260NL Datasheet HTML 3Page - Pulse A Technitrol Company HX1260NL Datasheet HTML 4Page - Pulse A Technitrol Company HX1260NL Datasheet HTML 5Page - Pulse A Technitrol Company HX1260NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
H600.Q (04/13)
1
pulseelectronics.com
Star Magnetics™
10/100BASE-T Transformer Modules
with PoE* Option and 1:1 Turns Ratios
*Power over Ethernet
RoHS peak reflow temperature rating 245°C
Meets IEEE 802.3 specification
Compact footprint
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature 0°C to 70°C
Part Number
PoE
Number
of Ports
Return Loss
(Z out = 100
Ω ± 15%)
Hipot
(Vrms MIN)
0.1 MHz
1 MHz
100 MHz
30 MHz
60 MHz
80 MHz
30 MHz
60 MHz
100 MHz
H0055NL
No
1
-2.5
-1.0
-16
-10
-10
-45
-40
-33
1500
H0056NL
No
1
-0.8
-0.9
-16
-10
-10
-45
-40
-33
1500
H1259NL
No
4
-1.2
-1.4
-16
-10
-10
-45
-40
-33
1500
HX1259NL
No
4
-1.2
-1.4
-16
-10
-10
-45
-40
-33
1500
H1260NL
No
1
-1.1
-1.1
-16
-10
-10
-35
-30
-30
1500
HX1260NL
No
1
-1.1
-1.1
-16
-10
-10
-35
-30
-30
1500
H1278NL
No
1
-1.1
-1.0
-16
-10
-10
-45
-40
-33
1500
H1305NL
No
2
-1.2
-1.4
-16
-10
-10
-45
-40
-33
1500
HX1305NL
No
2
-1.2
-1.4
-16
-10
-10
-45
-40
-33
1500
H2260NL
Yes
1
-1.1
-1.1
-16
-10
-10
-35
-30
-30
1500
HX2260NL
Yes
1
-1.1
-1.1
-16
-10
-10
-35
-30
-30
1500
H2305NL
Yes
2
-1.2
-1.4
-16
-10
-10
-45
-40
-33
1500
HX2305NL
Yes
2
-1.2
-1.4
-16
-10
-10
-45
-40
-33
1500
Notes:
1. H0055NL is designed to meet 200 µH nom.
5. When ordering Tape & Reel packaging, add a “T” suffix to the end of the part
2. H0056NL is designed to meet 300 µH nom.
number, e.g. H0056NL
T
3. Parts offer extended operating temperature of -40 to +85°C
6. MSL = Moisture Sensivity Level: a=1, b=2, c=3, d=4, e=5
4. These parts are compliant to IEEE802.3af, Power over Ethernet (PoE) standard.
Insertion Loss
(dB MAX)
Crosstalk
(adjacent channels dB MIN)
1, 6a
2, 6a
6a
3, 6a
6a
3, 6a
6a
6a
3, 6a
6a
3, 6a
6a
3, 6a
4
4
4
4


Similar Part No. - HX1260NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX1260NL PULSE-HX1260NL Datasheet
969Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
HX1260NL PULSE-HX1260NL Datasheet
303Kb / 3P
   MDL,SIN,100D,1:1,smt
HX1260NLT PULSE-HX1260NLT Datasheet
973Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
More results

Similar Description - HX1260NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1260NL PULSE-H1260NL Datasheet
969Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
HX1260NLT PULSE-HX1260NLT Datasheet
973Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
H1197FNL PULSE-H1197FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
HX2019FNL PULSE-HX2019FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
HX1260FNL PULSE-HX1260FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
H1012T PULSE-H1012T Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H6062NLT PULSE-H6062NLT Datasheet
665Kb / 3P
   Star Magnetics Gigabit Transformer Modules with PoE Option
H303 PULSE-H303 Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1081NL PULSE-H1081NL Datasheet
83Kb / 2P
   10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
H1015NL PULSE-H1015NL Datasheet
93Kb / 2P
   TRANSFORMER MODULES With Various Transmit Turns Ratios
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com