Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65843A0100A045 Datasheet(PDF) 3 Page - EPCOS

Part # B65843A0100A045
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843A0100A045 Datasheet(HTML) 3 Page - EPCOS

  B65843A0100A045 Datasheet HTML 1Page - EPCOS B65843A0100A045 Datasheet HTML 2Page - EPCOS B65843A0100A045 Datasheet HTML 3Page - EPCOS B65843A0100A045 Datasheet HTML 4Page - EPCOS B65843A0100A045 Datasheet HTML 5Page - EPCOS B65843A0100A045 Datasheet HTML 6Page - EPCOS B65843A0100A045 Datasheet HTML 7Page - EPCOS B65843A0100A045 Datasheet HTML 8Page - EPCOS B65843A0100A045 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
e
Ordering code
N45
63
3%
0.38
62
B65843A0063A045
100
3%
0.24
99
B65843A0100A045
160
4%
0.15
158
B65843A0160B045
200
4%
0.12
198
B65843A0200B045
250
5%
0.09
247
B65843A0250J045
315
6%
0.07
311
B65843A0315C045
400
7%
0.05
395
B65843A0400E045
N87
63
3%
0.37
62
B65843A0063A087
100
3%
0.23
99
B65843A0100A087
160
4%
0.14
158
B65843A0160B087
200
4%
0.11
198
B65843A0200B087
250
5%
0.09
247
B65843A0250J087
315
6%
0.07
311
B65843A0315C087
400
7%
0.05
395
B65843A0400E087
Material
AL value
nH
e
PV
W/set
Ordering code
N45
2400 +30/–20%
2370
B65843A0000R045
T57
2500 +30/–20%
2470
B65843A0000R057
N30
2800 +30/–20%
2765
B65843A0000R030
T65
4000 +30/–20%
3950
B65843A0000R065
T38
7000 +40/–30%
6910
B65843A0000Y038
T66
8500 +40/–30%
8400
B65843A0000Y066
N87
1600 +30/–20%
1580
< 0.18 (200 mT, 100 kHz, 100 °C) B65843A0000R087
B65843A
Core
EP 13


Similar Part No. - B65843A0100A045

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65843A0100A045 EPCOS-B65843A0100A045 Datasheet
588Kb / 8P
   Ferrites and accessories
logo
TDK Electronics
B65843A0100A045 TDK-B65843A0100A045 Datasheet
191Kb / 11P
   Ferrites and accessories
More results

Similar Description - B65843A0100A045

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com