Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904-AU_B0_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBT3904-AU_B0_10001
Description  NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBT3904-AU_B0_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBT3904-AU_B0_10001 Datasheet HTML 1Page - Pan Jit International Inc. MMBT3904-AU_B0_10001 Datasheet HTML 2Page - Pan Jit International Inc. MMBT3904-AU_B0_10001 Datasheet HTML 3Page - Pan Jit International Inc. MMBT3904-AU_B0_10001 Datasheet HTML 4Page - Pan Jit International Inc. MMBT3904-AU_B0_10001 Datasheet HTML 5Page - Pan Jit International Inc. MMBT3904-AU_B0_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
REV.0.1-OCT.21.2008
MMBT3904-AU
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE
40 Volts
225 mWatts
POWER
ABSOLUTE RATINGS
THERMALCHARACTERISTICS
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
V
ti
n
U
)
1
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
x
a
M
TOT
5
2
2
m
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θJA
6
5
5
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
J
0
5
1
o
t
5
5
-
O
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
0
5
1
o
t
5
5
-
O
C
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
e
g
a
tl
o
V
r
e
tt
i
m
E
-
r
o
t
c
e
ll
o
CVCEO
0
4V
e
g
a
tl
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
CVCBO
0
6V
e
g
a
tl
o
V
e
s
a
B
-
r
e
tt
i
m
EVEBO
0
.
6V
s
u
o
u
n
it
n
o
C
-
t
n
e
rr
u
C
r
o
t
c
e
ll
o
CI C
0
0
2A
m
s
P
W
R
T
T
Top View
3
Collector
3
Collector
1
Base
1
Base
2
Emitter
2
Emitter
MECHANICAL
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0003 ounces, 0.0084 grams
Marking: S1A
DATA
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• NPN epitaxial silicon, planar design
• Collector-emitter voltage VCE = 40V
• Collector current IC = 200mA
• Transition frequency fT>300MHz @ IC=10mAdc,
VCE=20Vdc,f=100MHz
Lead free in comply with EU RoHS 2002/95/EC directives.
Green molding compound as per IEC61249 Std. . (Halogen Free)
Acqire quality system certificate : TS16949
AEC-Q101 qualified


Similar Part No. - MMBT3904-AU_B0_10001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT3904-AE3-R UTC-MMBT3904-AE3-R Datasheet
98Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3904-AL3-R UTC-MMBT3904-AL3-R Datasheet
98Kb / 3P
   GENERAL PURPOSE APPLIATION
More results

Similar Description - MMBT3904-AU_B0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
   NPN General Purpose Switching Transistor
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com