Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906-AU_SD_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # MMBT3906-AU_SD_00001
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBT3906-AU_SD_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  MMBT3906-AU_SD_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBT3906-AU_SD_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBT3906-AU_SD_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBT3906-AU_SD_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBT3906-AU_SD_00001 Datasheet HTML 5Page - Pan Jit International Inc. MMBT3906-AU_SD_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
REV.0.0-JUL.9.2008
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
SOT-23
0.031 MIN.
(0.80) MIN.
0.037
(0.95)
0.043
(1.10)
0.106
(2.70)
Unit inch(mm)
MMBT3906


Similar Part No. - MMBT3906-AU_SD_00001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT3906-AE3-R UTC-MMBT3906-AE3-R Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3906-AE3-R UTC-MMBT3906-AE3-R Datasheet
140Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3906-AL3-R UTC-MMBT3906-AL3-R Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3906-AL3-R UTC-MMBT3906-AL3-R Datasheet
140Kb / 3P
   GENERAL PURPOSE APPLIATION
More results

Similar Description - MMBT3906-AU_SD_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com