Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904-AU_R1_10001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # MMBT3904-AU_R1_10001
Description  NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBT3904-AU_R1_10001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  MMBT3904-AU_R1_10001 Datasheet HTML 1Page - Pan Jit International Inc. MMBT3904-AU_R1_10001 Datasheet HTML 2Page - Pan Jit International Inc. MMBT3904-AU_R1_10001 Datasheet HTML 3Page - Pan Jit International Inc. MMBT3904-AU_R1_10001 Datasheet HTML 4Page - Pan Jit International Inc. MMBT3904-AU_R1_10001 Datasheet HTML 5Page - Pan Jit International Inc. MMBT3904-AU_R1_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE . 5
REV.0.1-OCT.21.2008
MMBT3904-AU
Part No_packing code_Version
MMBT3904-AU_R1_000A1
For example :
RB500V-40_R2_00001
MMBT3904-AU_R2_000A1
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - MMBT3904-AU_R1_10001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT3904-AE3-R UTC-MMBT3904-AE3-R Datasheet
98Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3904-AL3-R UTC-MMBT3904-AL3-R Datasheet
98Kb / 3P
   GENERAL PURPOSE APPLIATION
More results

Similar Description - MMBT3904-AU_R1_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
   NPN General Purpose Switching Transistor
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com