Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J0C-0006NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # J0C-0006NL
Description  PulseJack??Surface Mount 1x1
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0C-0006NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  J0C-0006NL Datasheet HTML 1Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 2Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 3Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 4Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 5Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 6Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 7Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 8Page - Pulse A Technitrol Company J0C-0006NL Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
J409.N (05/13)
2
pulseelectronics.com
PulseJack™
Surface Mount 1x1
RJ45 Material Specification
Part
Number
Shield
Contact
MSL
Rating
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
J0C/JV/J3
Series
Brass
20-40µ inches thick
nickel over Brass
Phosphor
Bronze
(X)µ inches gold over
30-80µ inches nickel
Tin matte finish
High Temp.
Thermoplastic
UL 94 V-0
1
Housing
Notes:
1. Connector dimensions comply with FCC part 68 dimension requirements.
4. NL parts are tin matte finish over nickel.
2. MSL = Moisture Sensitivity Level rating: 1-5 (highest rating = 1, lowest rating = 5
3. (X) = 30 inches gold for JV and J30 platforms and 15 inches gold for J0C platform.
3
4
2
J0C Platform Schematics
J0C-0003NL/J0C-0004NL
J0C-0005NL/J0C-0006NL
1
4
2
3
5
6
7
8
TD+
CT
TD-
RD+
CT
RD-
NC
1 : 1
TRANSMIT
1 : 1
RECEIVE
GND*
TX+
TX-
RX+
RX-
1
2
3
6
5
4
8
7
1 : 1
TRANSMIT
1 : 1
RECEIVE
1
4
2
3
5
6
7
75
75
75
75
8
TD+
CT
TD-
RD+
CT
RD-
NC
GND
TX+
TX-
RX+
RX-
1
2
3
6
5
4
8
7
NOTE:
Connect GND to PCB ground.


Similar Part No. - J0C-0006NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J0C-0006NL PULSE-J0C-0006NL Datasheet
1Mb / 12P
   RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
J0C-0006NL PULSE-J0C-0006NL Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
J0C-0006NL PULSE-J0C-0006NL Datasheet
544Kb / 12P
   Surface Mount 1x1
J0C-0006NL PULSE-J0C-0006NL Datasheet
1Mb / 12P
   Surface Mount 1x1
J0C-0006NLT PULSE-J0C-0006NLT Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
More results

Similar Description - J0C-0006NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J0C-0006NLT PULSE-J0C-0006NLT Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
J3011G21DNLT PULSE-J3011G21DNLT Datasheet
1Mb / 12P
   PulseJack??Surface Mount 1x1
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
J409 PULSE-J409_15 Datasheet
1Mb / 12P
   Surface Mount 1x1
J0C-0003 PULSE-J0C-0003 Datasheet
544Kb / 12P
   Surface Mount 1x1
JXT4-1128HL PULSE-JXT4-1128HL Datasheet
805Kb / 4P
   PulseJack™ 1X1 Tab-Down, Low profile Industrial ICM for PCI Express
J502.A 4/22
J405 PULSE-J405 Datasheet
1Mb / 6P
   PulseJack 2xN GIGABIT
J410 PULSE-J410 Datasheet
949Kb / 6P
   PulseJack 1xN Tab-Up
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
   PULSEJACK Single-Port Gigabit PoE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com