Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDXAVX700KGSA3 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # ASDXAVX700KGSA3
Description  Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXAVX700KGSA3 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  ASDXAVX700KGSA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.honeywell.com/sensing
Table 5. Sensor Types
Type
Description
Absolute
Output is proportional to difference between applied pressure and built-in reference to vacuum (zero pressure).
Gage
Output is proportional to difference between applied pressure and atmospheric (ambient) pressure.
Differential
Output is proportional to difference between pressure applied to each of the pressure ports (Port 1
– Port 2).
Figure 2. Transfer Functions and Limits
A Calibration, 10% to 90%
B Calibration, 5% to 95%
Table 6. Sensor Output at Significant Percentages
% Output
Digital Counts (dec)
Digital Counts (hex)
0%
0
0x0000
5%
819
0x0333
10%
1638
0x0666
50%
8192
0x2000
90%
14746
0x399A
95%
15565
0x3CCD
100%
16383
0x3FFF
Figure 3. Completed Catalog Listing Example
ASDXAVX001PG2A3:
AV pressure port, 1 psi gage, I
2C output
(Address 0x28), 10% to 90% calibration
at 3.3 Vdc operation.
ASDXAVX001PG2A3 Output vs Pressure


Similar Part No. - ASDXAVX700KGSA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDXAVX700KGAA3 HONEYWELL-ASDXAVX700KGAA3 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
ASDXAVX700KGAA5 HONEYWELL-ASDXAVX700KGAA5 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
ASDXAVX700KGAB3 HONEYWELL-ASDXAVX700KGAB3 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
ASDXAVX700KGAB5 HONEYWELL-ASDXAVX700KGAB5 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
More results

Similar Description - ASDXAVX700KGSA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
   Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com