Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q1553-22 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # Q1553-22
Description  Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Q1553-22 Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button Q1553-22 Datasheet HTML 5Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 6Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 7Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 8Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 9Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 10Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 11Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 12Page - Pulse A Technitrol Company Q1553-22 Datasheet HTML 13Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
7
MC118 (1/08)
MIL-STD-1553 TRANSFORMERS
Dual Ratio THT QPL Pulse Transformers
Line
Level
Military
Pulse
Package
Height
Terminals
Ratio
RDC
Impedance
Designation No.
Part No.
(in. MAX)
(±3%)
(
Ω
Ω MAX)
(
Ω
Ω MIN)
1
C
M21038/27-01C
QC1553-1
1-3:4-8
1CT:1CT
1-3 3.0
(1-3)
2
M
M21038/27-01
Q1553-1
A
.250
1-3:5-7
1CT:.707CT
4-8 3.0
4,000
3
T
M21038/27-01T
QT1553-1
4
C
M21038/27-02C
QC1553-2
1-3:4-8
1.4CT:1CT
1-3 3.5
(1-3)
5
M
M21038/27-02
Q1553-2
A
.250
1-3:5-7
2CT:1CT
4-8 3.0
7,200
6
T
M21038/27-02T
QT1553-2
7
C
M21038/27-03C
QC1553-3
1-3:4-8
1.25CT:1CT
1-3 3.2
(1-3)
8
M
M21038/27-03
Q1553-3
A
.250
1-3:5-7
1.66CT:1CT
4-8 3.0
4,000
9
T
M21038/27-03T
QT1553-3
10
C
M21038/27-10C
QC1553-5*
1-3:4-8
1CT:2.12CT
1-3 1.0
(4-8)
11
M
M21038/27-10
Q1553-5*
A
.250
1-3:5-7
1CT:1.5CT
4-8 3.5
4,000
12
T
M21038/27-10T
QT1553-5*
13
C
M21038/27-21C
QC1553-81
1-3:4-8
1CT:1CT
1-3 3.0
(1-3)
14
M
M21038/27-21
Q1553-81
G
.275
1-3:5-7
1CT:.707CT
4-8 3.0
4,000
15
T
M21038/27-21T
QT1553-81
16
C
M21038/27-22C
QC1553-82
1-3:4-8
1.4CT:1CT
1-3 3.5
(1-3)
17
M
M21038/27-22
Q1553-82
G
.275
1-3:5-7
2CT:1CT
4-8 3.0
7,200
18
T
M21038/27-22T
QT1553-82
19
C
M21038/27-23C
QC1553-83
1-3:4-8
1.25CT:1CT
1-3 3.2
(1-3)
20
M
M21038/27-23
Q1553-83
G
.275
1-3:5-7
1.66CT:1CT
4-8 3.0
4,000
21
T
M21038/27-23T
QT1553-83
22
C
M21038/27-24C
QC1553-84*
1-3:4-8
1CT:2.12CT
1-3 1.0
(4-8)
23
M
M21038/27-24
Q1553-84*
G
.275
1-3:5-7
1CT:1.5CT
4-8 3.5
4,000
24
T
M21038/27-24T
QT1553-84*
25
C
M21038/27-25C
QC1553-85*
1-3:4-8
1CT:2.50CT
1-3 1.0
(4-8)
26
M
M21038/27-25
Q1553-85*
G
.275
1-3:5-7
1CT:1.79CT
4-8 3.5
4,000
27
T
M21038/27-25T
QT1553-85*
28
C
M21038/27-26C
QC1553-45*
1-3:4-8
1CT:2.50CT
1-3 1.0
(4-8)
29
M
M21038/27-26
Q1553-45*
A
.250
1-3:5-7
1CT:1.79CT
4-8 3.5
4,000
30
T
M21038/27-26T
QT1553-45*
Characteristics
*NOTE: Designed for transceivers utilizing a single supply voltage (+5V).


Similar Part No. - Q1553-22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
Q1553-22 PULSE-Q1553-22 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
Q1553-22 PULSE-Q1553-22 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results

Similar Description - Q1553-22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
M21038-27-31T PULSE-M21038-27-31T Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
M21038-27-26 PULSE-M21038-27-26 Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com