Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222A-AU_AY_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # MMBT2222A-AU_AY_10001
Description  NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBT2222A-AU_AY_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MMBT2222A-AU_AY_10001 Datasheet HTML 1Page - Pan Jit International Inc. MMBT2222A-AU_AY_10001 Datasheet HTML 2Page - Pan Jit International Inc. MMBT2222A-AU_AY_10001 Datasheet HTML 3Page - Pan Jit International Inc. MMBT2222A-AU_AY_10001 Datasheet HTML 4Page - Pan Jit International Inc. MMBT2222A-AU_AY_10001 Datasheet HTML 5Page - Pan Jit International Inc. MMBT2222A-AU_AY_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
January 05,2011-REV.00
MMBT2222A-AU
ELECTRICAL CHARACTERISTICS CURVE
Fig. 3. Typical h
vs Collector Current
FE
Fig. 3. Typical hvs Collector Current
FE
Fig. 5. Typical V
(sat) vs Collector Current
CE
Fig. 5. Typical V(sat) vs Collector Current
CE
Fig. 7. Typical Capacitances vs Reverse Voltage
Fig. 7. Typical Capacitances vs Reverse Voltage
Fig. 4. Typical V
vs Collector Current
BE
Fig. 4. Typical Vvs Collector Current
BE
Fig. 6. Typical V
(sat) vs Collector Current
BE
Fig. 6. Typical V
(sat) vs Collector Current
BE
Collector Current, I (mA)
C
Collector Current, I (mA)
C
Collector Current, I (mA)
C
Collector Current, I (mA)
C
300
300
400
500
350
350
450
250
250
200
200
150
150
100
100
50
50
0
0
0.1
0.1
0.1
1
1
1
1
10
10
10
10
100
100
100
100
1000
1000
0.1
0.1
1
1
10
10
100
100
1000
1000
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Reverse Voltage, V (V)
R
C(CB)
OB
C
(EB)
IB
f=1MHz
T =100 C
J
o
T =100 C
J
o
T =100 C
J
o
T=25 C
J
o
T=25 C
J
o
T=25 C
J
o
T=25 C
J
o
T =150 C
J
o
T =150 C
J
o
T =150 C
J
o
T =150 C
J
o
I/
C
I=10
B
I/
C
I=10
B
V
=10V
CE
V
=10V
CE


Similar Part No. - MMBT2222A-AU_AY_10001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT2222A-AE3-R UTC-MMBT2222A-AE3-R Datasheet
118Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
MMBT2222A-AN3-R UTC-MMBT2222A-AN3-R Datasheet
118Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT2222A-AU_AY_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
   NPN General Purpose Switching Transistor
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com