Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0402NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P0402NL
Description  SMT POWER INDUCTORS Toroid - Tomcat Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0402NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P0402NL Datasheet HTML 1Page - Pulse A Technitrol Company P0402NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Pulse:
P0401T P0402 P0403 P0403T P0395 P0395T P0396 P0396T P0397 P0398 P0399 P0400 P0400T
P0395NL P0396NL P0396NLT P0403NL P0398NL P0398NLT P0399NL P0399NLT P0400NL P0400NLT
P0401NL P0401NLT P0403NLT P0399T P0397NLT P0402NLT P0397NL P0402NL P0395NLT


Similar Part No. - P0402NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0402NL PULSE-P0402NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A
P0402NL PULSE-P0402NL Datasheet
114Kb / 1P
   SMT POWER INDUCTORS Toroid - Tomcat Series
P0402NL PULSE-P0402NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS
P0402NL PULSE-P0402NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS
P0402NL PULSE-P0402NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS
More results

Similar Description - P0402NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0402 PULSE-P0402 Datasheet
114Kb / 1P
   SMT POWER INDUCTORS Toroid - Tomcat Series
SPM2007 PULSE-SPM2007_42 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
SPM2007 PULSE-SPM2007_44 Datasheet
181Kb / 2P
   SMT POWER INDUCTORS Toroid - SLIC Series
P0179 PULSE-P0179 Datasheet
124Kb / 2P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0149 PULSE-P0149 Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
P0179NLT PULSE-P0179NLT Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0175 PULSE-P0175 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
   SMT POWER INDUCTORS Shielded Toroid
P0596 PULSE-P0596 Datasheet
121Kb / 2P
   SMT POWER INDUCTORS Toroid - HCCI-80 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com