Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603JR-130R Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RC0603JR-130R
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0603JR-130R Datasheet(HTML) 9 Page - YAGEO Corporation

  RC0603JR-130R Datasheet HTML 1Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 2Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 3Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 4Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 5Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 6Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 7Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 8Page - YAGEO Corporation RC0603JR-130R Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Apr 24, 2009 V.4
Product specification
9
9
SERIES
RC
0603 (RoHS Compliant)
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION DESCRIPTION
Version 4
Apr 24, 2009 -
- Test Items and methods updated
- Test requirements upgraded
Version 3
Jul 15, 2008
-
- Change to dual brand datasheet that describe RC0603 with RoHS compliant
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 2
Aug 19, 2004 -
Version 1
Aug 02, 2004 -
- New datasheet for 0603 thick film 1% and 5% with lead-free terminations
- Replace the 0603 part of pdf files: RC01_11_21_31_5, RC02_12_22_32_10,
and HRC21_5_4
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)
- High ohmic products combined into standard products.


Similar Part No. - RC0603JR-130R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603JR-1318RL YAGEO-RC0603JR-1318RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603JR-131ML YAGEO-RC0603JR-131ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0603JR-131MP YAGEO-RC0603JR-131MP Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC0603JR-1322ML YAGEO-RC0603JR-1322ML Datasheet
229Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0603JR-132K2L YAGEO-RC0603JR-132K2L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0603JR-130R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com