Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJB2AF4R7U Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJB2AF4R7U
Description  High Power Chip Resistors / Wide Terminal Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJB2AF4R7U Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJB2AF4R7U Datasheet HTML 1Page - Panasonic Semiconductor ERJB2AF4R7U Datasheet HTML 2Page - Panasonic Semiconductor ERJB2AF4R7U Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Power Chip Resistors / Wide Terminal Type
T
L
A2
A1
10–
fD
P
T
L
RR
RR
R
RR
R
T
L
R
R
T
L
T
L
R
R
R
R
R
RR
Dimensions in mm (not to scale)
Circuit Configuration
ERJA1 type
ERJB1 type
ERJA1 type
Dimensions
(mm)
LWT
a
b
5.00±0.20 2.50±0.20 0.55±0.20 0.25±0.20 0.90±0.20
Dimensions
(mm)
LWT
A1
B1
6.40±0.20 3.20±0.20 0.55±0.10 0.70±0.20 0.45±0.20
Dimensions
(mm)
A2
B2
P
0DC
0.70±0.20 1.25±0.15 1.27±0.10 0.30
+0.10
0.4 min.
–0.20
ERJB2 type
ERJB3 type
Dimensions (mm)
LWT
a
b
5 m
Ω<R<10 mΩ
3.20±0.20 1.60±0.15 0.65±0.15
0.30±0.20
0.30±0.20
10 m
Ω<R<220 mΩ
0.50±0.20
220 m
Ω<R<1 MΩ
0.20±0.20
ERJB1 type
Mass (Weight) [1000 pcs.] : 11 g
Dimensions
(mm)
LWT
a
b
2.00±0.10 1.25±0.10 0.50±0.10 0.25±0.15 0.40±0.15
ERJB3 type
( R< 10 m
Ω )
( 10 m
Ω < R < 1 MΩ )
ERJB2 type
< High resistance zone >
< Less than 10 m
Ω >
< Low resistance zone >
Mass (Weight) [1000 pcs.] : 40 g
Mass (Weight) [1000 pcs.] : 4.8 g
Mass (Weight) [1000 pcs.] : 27 g
Aug. 2012
02
17


Similar Part No. - ERJB2AF4R7U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJB2AF102U PANASONIC-ERJB2AF102U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJB2AF102U PANASONIC-ERJB2AF102U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJB2AF102V PANASONIC-ERJB2AF102V Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJB2AF102V PANASONIC-ERJB2AF102V Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJB2AFR01U PANASONIC-ERJB2AFR01U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
More results

Similar Description - ERJB2AF4R7U

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CFR10U PANASONIC-ERJ-B1CFR10U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR18 ROHM-LTR18 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
71Kb / 5P
   High Power Chip Resistors
logo
KOA Speer Electronics, ...
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Rohm
LTR10 ROHM-LTR10_1 Datasheet
157Kb / 4P
   High Power Low Ohmic Chip Resistors
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com