Selected language     English  ▼


T-1062SCTNL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. T-1062SCTNL
Description  CopperheadTM High Speed Dual transformerS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 1 page
background image
CopperheadTM HigH Speed
dual TranSforMerS
���
����
����
���
����
����
�����������
�����������
�����������
���������
�����������������
����
����
�����
��������
���
����
����
������
����
����
���
����
����
����
����
����
����
����
����
�����
�����
���������������������
����������
����������
����
����
���
�����
�����
���
����
����
��
��
��
��
��
��
��
Mechanical
Schematic
Part
Turns Ratio
Primary Inductance
Rise Time
DC Resistance
Hi-Pot
Insertion Loss
Application
Number
(±5%)
(µH MIN)
@ 20& to 80%
(W MAX)
(Vrms MIN)
(dB MAX)
Nominal Bit Rate
(pS MAX)
(Mbaud)
T-330SCT
1CT:1CT
26 @ 1Vrms, 100kHz
350
0.2
1,500
-1.5 @ 15-165MHz
265.6 (1/4 speed)
T-531SCT
1CT:1CT
7.5@1Vrms, 100kHz
325
0.2
1,500
-2.0 @ 50-265MHz
531 (half speed)
T-1062SCT
1CT:1CT
3.75@1Vrms, 100kHz
280
0.2
1,500
-2.0 @ 100-531MHz 1,062.5 (full speed)
T-1250SCT
1CT:1CT
3.75@1Vrms, 100kHz
280
0.2
1,500
-2.0@125-650MHz
1,250
T-1485SCT
1CT:1CT
3.75@1Vrms, 100kHz
280
0.2
1,500
-2.0
1,485 (SMTPE)
T-3200SCT
1:1
0.70
200
0.2
1,500
-4.5
3,200
NOTES: 1. To order a RoHS compliant part, add the suffix “NL” to the part number, i.e. T-330SCT becomes T-330SCTNL.
2. Add suffix
“T” to part number for Tape & Reel package (i.e. T-330SCTT).
electrical Specifications @ 25°C — operating Temperature -55°C to +125°C
Compliant with ANSI X3T111, Fiber Channel,
FC-PH-3 for quarter/full speed applications, SMPTE,
IEEE1394 Firewire
Moisture sensitivity Level 3
Pick and place compatible
IC grade package withstands 225°C peak temperature profile
AS9100 Certified (Based on and including ISO 9001:2000)
T-330SCT, T-531SCT, T-1062SCT, T-1250SCT and T-1485SCT
Weight ...............1.0 grams
Tape & Reel ............ 400/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Military / Aerospace Division
USA 215 781 6400 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 32181071 China 86 755 33966678 Taiwan 886 3 4643715
www.pulseeng.com
M105.D (2/10)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl