Selected language     English  ▼


T-1062SCTNL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part No. T-1062SCTNL
Description  CopperheadTM High Speed Dual transformerS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 2 page
background image
CopperheadTM HigH Speed
dual TranSforMerS
���
����
����
���
����
����
���
����
����
�����������
�����������
���������
���������
�����������������
����
����
�����
��������
����
����
���
���
����
����
�������
����
����
���
����
����
����
����
����
����
����
����
�����
�����
���������������������
����������
����������
����
����
��
��
��
��
��
��
��
application notes
Mechanical
Schematic
������������������������������������
���
���
���
���
��
��
��
��
��
��
��
������
����
������
����
����
�����������
�������
���
�������
���
��
��
��
����
�����������
��
��
��
��
������
�������
�������
���
������
����
������
���
���������
��������
��������
���������
��������
��
���������
��������
��
���������
�������
���
T-3200SCT
Pulse Specialty Components has designed Fibre Channel dual trans-
formers specifically for point to point coupling to 150 twinax cable.
The isolation transformers protect the station from static charges that
may develop on the cable, and prevents ground loop currents from
being transferred between stations. The devices have also been
designed to provide common mode rejection within the transmission
band and thus reduce EMI. The wide bandwidth of these devices
minimizes data dependent jitter by providing fast signal rise times.
Low-end bandwidth also minimizes base-line wander, another con-
tributor to jitter. The dual package allows connection of both transmit
and receive channels, as shown in the application circuit below.
Surface-mount packaging also allows a cost-effective solution.
1. The transformer, 51W resistors, and the impedance of the driver
are matched to achieve the best return loss (S11) for the transmit-
ter of the 150W system.
2. The total impedance of termination resistor network is 150 W.
3. When laying out PCB, transmission line methods must be utilized
to maintain return loss and signal integrity. Transformer must be
located within .50” of the DB9 connector.
4. It is recommended that the center tap (CT) of transformer(s), cable
side, be connected to earth/chassis (cable shield) ground either
directly or via a transient voltage suppressor (TVS) type compo-
nent and earth/chassis ground should be “AC-coupled” to signal
(digital) ground through a .027uF, 500V capacitor.
Weight ...............1.0 grams
Tape & Reel ............ 600/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Military / Aerospace Division
www.pulseeng.com
M105.D (2/10)
Pulse Worldwide
Headquarters
Two Pearl Buck Court
Bristol, PA 19007
U.S.A.
www.pulseeng.com
Tel: 215 781 6400
Fax: 215 781 6403
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4643715
Fax: 886 3 4641911
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Rd. West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2010. Pulse Engineering, Inc. All rights reserved.
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
for More information:




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl