Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAH36-256-N1-10 Datasheet(PDF) 1 Page - CUI INC

Part # MAH36-256-N1-10
Description  absolute encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAH36-256-N1-10 Datasheet(HTML) 1 Page - CUI INC

  MAH36-256-N1-10 Datasheet HTML 1Page - CUI INC MAH36-256-N1-10 Datasheet HTML 2Page - CUI INC MAH36-256-N1-10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: absolute encoder
1 of 3
11/16/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MAH36
ELECTRICAL SPECIFICATIONS
output signals
G: gray code, N: pure binary, B: BCD code
output circuit
NPN open collector
logic
negative logic (H=0, L=1)
current consumption
70mA or less (under no load)
frequency response
10 KHz
supply voltage
3: 5 V dc ±10%; 4: 24 Vdc ±15%
output resolution (ppr)
256, 360, 512, 720, 1000*, 1024
max ouput current
sink current each bit 30mA
*BCD code only
MECHANICAL SPECIFICATIONS
max shaft loading, radial:
19.6N (2kgf)
thrust:
9.8N (1kgf)
starting torque
5 X 10-3N
·m max (50gf·cm)
max rotational speed
6000 RPM
shock resistance
500m/s2 (50g) X, Y, Z each 3 times
vibration proof
55 Hz / 1.5mm 2h each X, Y, Z
weight
180g (with 1m cable)
cable
outside diameter 6mm, 16-core vinyl wire insulated shield cable
(length 1m)
ENVIRONMENTAL SPECIFICATIONS
operating temp
-10° to +60° C
storage temp
-20° to +80° C
humidity
RH 35%~ 90%, non collecting
ORDERING INSTRUCTIONS
MAH36 - XXXX - XX - XX
Output Type:
G = Gray Code
N = Natural Binary
B = BCD code
*BCD code only
Resolution (PPR):
256 = 256 PPR
360 = 360 PPR
512 = 512 PPR
720 = 720 PPR
1000 = 1000 PPR*
1024 = 1024 PPR
Input Voltage:
1: 5VDC ± 10%
5: 12VDC ±10% ~ 24VDC ± 15%
Bore Diameter:
07: Ø 7mm
08: Ø 8mm
10: Ø 10mm


Similar Part No. - MAH36-256-N1-10

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36003 POWERBOX-MAH36003 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36006 POWERBOX-MAH36006 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36009 POWERBOX-MAH36009 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36012 POWERBOX-MAH36012 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAH36-256-N1-10

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
DVS78E PF-DVS78E Datasheet
570Kb / 6P
   Singleturn absolute encoder
ESS58-PZ PF-ESS58-PZ Datasheet
339Kb / 4P
   Singleturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com