Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2291NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PA2291NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2291NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PA2291NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2291NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2291NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2291NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2291NL Datasheet HTML 5Page - Pulse A Technitrol Company PA2291NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
4
PRELIMINARY P666.A (3/08)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD20 Platforms - SMT
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C 5
Pri. Inductance
(1-3)
34.0µH ±5%
Lk. Inductance
(1-3) with (11,10-9,8) shorted
2µH MAX
(1-3)
180m
Ω MAX
PA1877NL
DCR
(11,10-9,8)
25m
Ω MAX
(5-6)
400m
Ω MAX
Hi-Pot
Pri-Sec
2000Vrms
K1 Factor
522.3
Pri. Inductance
(1-3)
44.4µH ±5%
Lk. Inductance
(1-3) with (11,10-9,7) shorted
1µH MAX
(1-3)
130m
Ω MAX
PA2046NL
DCR
(11,10-9,7)
12m
Ω MAX
(5-6)
240m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
716.1
Pri. Inductance
(1-3)
7.2µH ±5%
Lk. Inductance
(1-3) with (11,10-9,7) shorted
0.3µH MAX
(1-3)
52m
Ω MAX
PA2047NL
DCR
(11,10-9,7)
12m
Ω MAX
(5-6)
240m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
290.3
Pri. Inductance
(1,2-5,6)
292.0µH ±32%
Lk. Inductance
(1,2-5,6) with (12,11,10,9,8,7) shorted
1.3µH MAX
(1,2-5,6)
78.0m
Ω MAX
PA2053NL
DCR
(7,8-9,10)
12m
Ω MAX
(11-12)
43m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
20.2
Pri. Inductance
(1,2-3,4)
48.4µH ±15%
Lk. Inductance
(1,2-3,4) with (12,11,10,9,8,7) shorted
2µH MAX
(1,2-3,4)
80m
Ω MAX
(8-7)
30m
Ω MAX
PA2122NL
DCR
(12-11)
4m
Ω MAX
(10-9)
30m
Ω MAX
(5-6)
135m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
21.5
Pri. Inductance
(1-4)
57.6µH ±12%
Lk. Inductance
(1-4) with (all windings) shorted
0.5µH MAX
(1-4)
65m
Ω MAX
(3-2)
155m
Ω MAX
PA2291NL
DCR
(6-5)
145m
Ω MAX
(7,8-9,10)
4m
Ω MAX
(11-12)
55m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
26.9
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FORWARD TRANSFORMER
FORWARD TRANSFORMER
FORWARD TRANSFORMER


Similar Part No. - PA2291NL

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
logo
Renesas Technology Corp
PA2201T1M RENESAS-PA2201T1M_15 Datasheet
269Kb / 8P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Pulse A Technitrol Comp...
PA2202.121NL PULSE-PA2202.121NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.181NL PULSE-PA2202.181NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.211NL PULSE-PA2202.211NL Datasheet
490Kb / 2P
   SMT Power Inductors
More results

Similar Description - PA2291NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com