Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA0961-T51 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HOA0961-T51
Description  Transmissive Optoschmitt Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HOA0961-T51 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HOA0961-T51 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HOA0961-T51 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HOA0961-T51 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HOA0961-T51 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transmissive Optoschmitt Sensor
HOA096X/097X
ELECTRICAL CHARACTERISTICS
UNITS
TEST CONDITIONS
MIN
PARAMETER
SYMBOL
TYP
MAX
IR EMITTER
DETECTOR
COUPLED CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
(25¡C Free-Air Temperature unless otherwise noted)
Operating Temperature Range
-40¡C to 70¡C
Storage Temperature Range
-40¡C to 85¡C
Soldering Temperature (5 sec)
240¡C
IR EMITTER
Power Dissipation
100 mW [À]
Reverse Voltage
3 V
Continuous Forward Current
50 mA
DETECTOR
Supply Voltage
12 V [Á]
Output Sink Current
18 mA
Duration of Output
Short to VÙÙ or Ground
1.0 sec.
SCHEMATIC
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
357


Similar Part No. - HOA0961-T51

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA0961-N51 HONEYWELL-HOA0961-N51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
More results

Similar Description - HOA0961-T51

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA2001 HONEYWELL-HOA2001 Datasheet
397Kb / 4P
   Transmissive Optoschmitt Sensor
HOA0973-L51 HONEYWELL-HOA0973-L51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
HOA6963-N51 HONEYWELL-HOA6963-N51 Datasheet
936Kb / 6P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA6992-T55 HONEYWELL-ACC-HOA6992-T55 Datasheet
929Kb / 6P
   Transmissive Optoschmitt Sensor
logo
Honeywell Solid State E...
HOA0961-N51 HONEYWELL-HOA0961-N51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA6960-N51 HONEYWELL-ACC-HOA6960-N51 Datasheet
931Kb / 6P
   Transmissive Optoschmitt Sensor
HOA2003 HONEYWELL-ACC-HOA2003 Datasheet
387Kb / 4P
   Transmissive Optoschmitt Sensor
HOA2001-001 HONEYWELL-ACC-HOA2001-001 Datasheet
387Kb / 4P
   Transmissive Optoschmitt Sensor
HOA6993-T51 HONEYWELL-ACC-HOA6993-T51 Datasheet
52Kb / 1P
   HOA6993-T51 Optoschmitt Sensors (Transmissive)
HOA2005-001 HONEYWELL-ACC-HOA2005-001 Datasheet
72Kb / 5P
   HOA Series Transmissive Optoschmitt Sensor, Transistor Output, Plastic Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com