Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX688B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FCX688B
Description  SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX688B Datasheet(HTML) 3 Page - Diodes Incorporated

  FCX688B Datasheet HTML 1Page - Diodes Incorporated FCX688B Datasheet HTML 2Page - Diodes Incorporated FCX688B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
TYPICAL CHARACTERISTICS
V
VCE(sat)
CE(sat)
v I
v IC
C
IC - Collector Current (Amps)
V
VCE(sat)
CE(sat)
v I
v IC
C
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
h
hFE
FE
v I
v IC
C
V
VBE(sat)
BE(sat)
v I
v IC
C
IC - Collector Current (Amps)
V
VBE(on)
BE(on)
v I
v IC
C
VCE=2V
VCE=2V
1.5K
1K
500
VCE - Collector Voltage (Volts)
Safe Operating Area
Safe Operating Area
-55°C
+25°C
+100°C
+175°C
IC/IB=100
Tamb=25°C
IC/IB=10
IC/IB=200
IC/IB=100
IC/IB=100
-55°C
+25°C
+100°C
+175°C
0
0
100m
10
100
1s
100ms
10
1
DC
0.01
10ms
1ms
100us
1
0.1
FCX688B


Similar Part No. - FCX688B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX688B ZETEX-FCX688B Datasheet
79Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - FCX688B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX617TA ETC2-FCX617TA Datasheet
87Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1047A DIODES-FCX1047A Datasheet
68Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 DIODES-FCX617 Datasheet
87Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1047ATA ETC2-FCX1047ATA Datasheet
68Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617_15 Datasheet
87Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Zetex Semiconductors
FCX619 ZETEX-FCX619_03 Datasheet
1Mb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com