Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT853TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT853TA
Description  100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT853TA Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT853TA Datasheet HTML 1Page - Diodes Incorporated FZT853TA Datasheet HTML 2Page - Diodes Incorporated FZT853TA Datasheet HTML 3Page - Diodes Incorporated FZT853TA Datasheet HTML 4Page - Diodes Incorporated FZT853TA Datasheet HTML 5Page - Diodes Incorporated FZT853TA Datasheet HTML 6Page - Diodes Incorporated FZT853TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FZT853
Document Number DS33175 Rev. 3 - 2
2 of 7
www.diodes.com
January 2013
© Diodes Incorporated
FZT853
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
6
A
Peak Pulse Current
ICM
10
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear derating factor
(Note 5)
PD
3.0
24
W
mW/°C
(Note 6)
1.6
12.8
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
42
°C/W
(Note 6)
RθJA
78
Thermal Resistance Junction to Lead
(Note 7)
RθJL
8.84
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
≥ 8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
≥ 400
V
C
Notes:
5. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; device measured when
operating in steady state condition.
6. Same as note (5), except the device is mounted on 50mm X 50mm single sided 2oz weight copper.
7. Thermal resistance from junction to solder-point (at the end of the collector lead).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - FZT853TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT853TA DIODES-FZT853TA Datasheet
406Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR
More results

Similar Description - FZT853TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
   100V NPN low sat medium power transistor in SOT223
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19100CG DIODES-ZXTP19100CG Datasheet
362Kb / 8P
   100V PNP medium transistor in SOT223
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com