Electronic Components Datasheet Search |
|
RC0805FR-101M Datasheet(PDF) 4 Page - YAGEO Corporation |
|
RC0805FR-101M Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 9 page Chip Resistor Surface Mount www.yageo.com Jun 16, 2009 V.4 Product specification 4 9 SERIES RC 0805 (RoHS Compliant) CONSTRUCTION The resistor is constructed on top of a high-grade ceramic body. Internal metal electrodes are added on each end to make the contacts to the thick film resistive element. The composition of the resistive element is a noble metal imbedded into a glass and covered by a second glass to prevent environment influences. The resistor is laser trimmed to the rated resistance value. The resistor is covered with a protective epoxy coat, finally the two external terminations (matte tin on Ni- barrier) are added. See fig.3 DIMENSIONS TYPE RC0805 L (mm) 2.00 ±0.10 W (mm) 1.25 ±0.10 H (mm) 0.50 ±0.10 I1 (mm) 0.35 ±0.20 I2 (mm) 0.35 ±0.20 Table 1 overcoat Primary glass layer resistive layer (Jumper chip is a conductor) inner electrode termination(Ni/matte tin) ceramic substrate H I2 YNSC066 overcoat W L I1 marking layer O OU UT TL LIIN NE ES S For dimension see Table 1 Fig. 3 Chip resistor outlines MARKING RC0805 E-24 series: 3 digits First two digits for significant figure and 3rd digit for number of zeros Both E-24 and E-96 series: 4 digits First three digits for significant figure and 4th digit for number of zeros For further marking information, please see special data sheet “Chip resistors marking” Fig. 1 Value=10 KΩ YNSC001 03 Fig. 2 Value=10 KΩ YNSC004 00 |
Similar Part No. - RC0805FR-101M |
|
Similar Description - RC0805FR-101M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |