Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCSHHN600MG2A5 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # SSCSHHN600MG2A5
Description  Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSHHN600MG2A5 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button SSCSHHN600MG2A5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 10Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 11Page - Honeywell Solid State Electronics Center SSCSHHN600MG2A5 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Honeywell Sensing and Control
9
Figure 6. SIP Package Dimensional Drawings (For reference only: mm [in])
SIP NN: No ports
2,54 TYP.
[0.100]
10,0
[0.39]
15,2
[0.60]
10,0
[0.39]
1
2
3
4
4X 0,51
[0.020]
4,87
[0.192]
PORT 1
PORT 2
0,25
[0.010]
SIP AA: Dual axial barbed ports, opposite sides
PORT 1
PORT 2
0,25
[0.010]
1 2 3 4
10,0
[0.39]
10,0
[0.39]
2,54 TYP.
[0.100]
15,2
[0.60]
22,06
[0.869]
2X 4.93 DIA.
[0.194]
4X 0,51
[0.020]
SIP AN: Single axial barbed port
0,25
[0.010]
2,54 TYP.
[0.100]
PORT 1
1 2 3 4
10,0
[0.39]
4.93 DIA.
[0.194]
10,0
[0.39]
13,75
[0.541]
15,2
[0.60]
PORT 2
4X 0,51
[0.020]
SIP LN: Single barbless port
10,0
[0.39]
15,2
[0.60]
10,0
[0.39]
1
2
3
4
2,54 TYP.
[0.100]
PORT 1
PORT 2
0,25
[0.010]
13,75
[0.541]
4X 0,51
[0.020]
2,47 DIA.
[0.097]
SIP FF: Fastener mount, dual axial barbed ports, opposite sides
0,25
[0.010]
2,54 TYP.
[0.100]
29,48
[1.161]
1 2 3 4
27,20
[1.071]
23,12
[0.910]
10,44
[0.411]
PORT 1
PORT 2
17,78
[0.700]
20,16
[0.794]
2X 4,78 DIA.
[0.188]
2X 3.94 DIA.
[0.155]
4X 0,51
[.020]
SIP FN: Fastener mount, single axial barbed port
1 2 3 4
17,78
[0.700]
20,16
[0.794]
2,54 TYP.
[0.100]
0,25
[0.010]
29,48
[1.161]
23,12
[0.910]
PORT 1
PORT 2
16,38
[0.645]
2X 3.94 DIA.
[0.155]
4.78 DIA.
[0.188]
4X 0,51
[0.020]


Similar Part No. - SSCSHHN600MG2A5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSAAD001PG2A3 HONEYWELL-SSCSAAD001PG2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG2A5 HONEYWELL-SSCSAAD001PG2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A3 HONEYWELL-SSCSAAD001PG3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A5 HONEYWELL-SSCSAAD001PG3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG4A3 HONEYWELL-SSCSAAD001PG4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
More results

Similar Description - SSCSHHN600MG2A5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSNBN015PDAA5 HONEYWELL-SSCSNBN015PDAA5 Datasheet
1Mb / 13P
   Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com