Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1210ZPY5V6BB103 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CC1210ZPY5V6BB103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210ZPY5V6BB103 Datasheet(HTML) 3 Page - YAGEO Corporation

  CC1210ZPY5V6BB103 Datasheet HTML 1Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 2Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 3Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 4Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 5Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 6Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 7Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 8Page - YAGEO Corporation CC1210ZPY5V6BB103 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.yageo.com
Jul 29, 2010 V.5
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
3
14
Product specification
Y5V
handbook, full pagewidth
2 2 X X X X X X 9 X X X
Carrier type
50 = Blister (6.3 V)
55 = Paper/PE (6.3 V)
22 = Blister
38 = Paper/PE
54 = Bulk
Voltage
20 = 6.3 V
24 = 10 V
78 = 16 V
91 = 25 V
58 = 50 V
Size
8 = 0201
7 = 0402
6 = 0603
0 = 0805
1 = 1206
2 = 1210
Capacitance value(1)
Tolerance
7 =
±20%
8 =
−20 to +80%
Packaging(2)
1 = reel:
∅180 mm; 7"
5 = reel:
∅330 mm; 13"
4 = bulk case
YNM0009
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are
acceptable to order Phycomp brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
PHYCOMP CTC CODE (FOR NORTH AMERICA)
Example: 12062F105M8BB0D
1206
2F
105
M
8
B
B
0
D
Size
code
Temp.
Char.
Capacitance
in pF
Tolerance
Voltage Termination
Packing
Marking
Range identifier
0201
0402
0603
0805
1206
1210
2F = Y5V 101 = 100 pF;
the third digit
signifies the
multiplying factor:
0 = × 1
1 = × 10
2 = × 100
3 = × 1,000
4 = x 10,000
5 = x 100,000
6 = x 1,000,000
M = ±20%
Z = –20% to +80%
5 = 6.3 V
6 = 10 V
7 = 16 V
8 = 25 V
9 = 50 V
B = NiSn
2 = 180 mm
7” Paper/PE
3 = 330 mm
13” Paper/PE
B = 180 mm
7” Blister
F = 330 mm
13” Blister
P = Bulk case
0 = no marking D = Class 2 MLCC
(1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR Y5V"
(2) Quantity on reel depends on thickness classification; see table 5


Similar Part No. - CC1210ZPY5V6BB103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210ZPY5V6BB475 YAGEO-CC1210ZPY5V6BB475 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210ZPY5V6BB103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com