Electronic Components Datasheet Search |
|
PE-53824S Datasheet(PDF) 1 Page - Pulse A Technitrol Company |
|
PE-53824S Datasheet(HTML) 1 Page - Pulse A Technitrol Company |
1 / 2 page USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811 www.pulseeng.com 79 SPM2007 (7/07) In Circuit Operating Parameters 1 Package Pulse 6 Pulse 5,6 National Nominal Rated Max 2 Nominal THT Part SMT Part Part Inductance Current ETOP DCR Through Surface Lead Number Number Number (µH) (ADC) (V-µSec) ( Ω) Hole Mount Diameter PE-53801 PE-53801S LM259X-L1 259 0.13 23.1 3.4 LP-25 LCI-20 — PE-53802 PE-53802S LM259X-L2 178 0.16 16.5 2.8 LP-25 LCI-20 — PE-53803 PE-53803S LM259X-L3 118 0.2 13.2 1.8 LP-25 LCI-20 — PE-53804 PE-53804S LM259X-L4 79 0.25 9.9 1.5 LP-25 LCI-20 — PE-53805 PE-53805S LM259X-L5 55 0.3 6.6 1.0 LP-25 LCI-20 — PE-53806 PE-53806S LM259X-L6 39 0.34 6.6 .80 LP-25 LCI-20 — PE-53807 PE-53807S LM259X-L7 26 0.45 6.6 .62 LP-25 LCI-20 — PE-53808 PE-53808S LM259X-L8 374 0.2 75.9 2.7 LP-30 LCI-30 — PE-53809 PE-53809S LM259X-L9 256 0.25 33 2.2 LP-30 LCI-30 — PE-53810 PE-53810S LM259X-L10 176 0.3 26.4 1.4 LP-30 LCI-30 — PE-53811 PE-53811S LM259X-L11 118 0.38 19.8 1.2 LP-30 LCI-30 — PE-53812 PE-53812S LM259X-L12 78 0.46 16.5 0.8 LP-30 LCI-30 — PE-53813 PE-53813S LM259X-L13 55 0.56 13.2 0.5 LP-30 LCI-30 — PE-53814 PE-53814S LM259X-L14 39 0.68 9.9 0.3 LP-30 LCI-30 — PE-53815 PE-53815S LM259X-L15 26 0.84 6.6 0.2 LP-30 LCI-30 — PE-53816 PE-53816S LM259X-L16 17 1.02 6.6 0.1 LP-30 LCI-30 — PE-53817 PE-53817S LM259X-L17 375 0.36 75.9 1.3 LP-37 LCI-37 — PE-53818 PE-53818S LM259X-L18 252 0.44 49.5 0.9 LP-37 LCI-37 — PE-53819 PE-53819S LM259X-L19 173 0.54 36.3 0.6 LP-37 LCI-37 — PE-53820 PE-53820S LM259X-L20 115 0.67 29.7 0.4 LP-37 LCI-37 — PE-53821 PE-53821S LM259X-L21 78 0.82 23.1 0.3 LP-37 LCI-37 — PE-53822 PE-53822S LM259X-L22 54 1.0 16.5 0.2 LP-37 LCI-37 — PE-53823 PE-53823S LM259X-L23 38 1.2 13.2 0.1 LP-37 LCI-37 — PE-53824 PE-53824S LM259X-L24 26 1.48 9.9 0.1 LP-37 LCI-37 — PE-53825 PE-53825S LM259X-L25 18 1.81 9.9 0.06 LP-37 LCI-37 — PE-53826 PE-53826S LM259X-L26 377 0.68 75.9 1.0 LP-44 LCI-44 — PE-53827 PE-53827S LM259X-L27 248 0.83 72.6 0.6 LP-44 LCI-44 — PE-53828 PE-53828S LM259X-L28 168 1.02 56.1 0.4 LP-44 LCI-44 — PE-53829 PE-53829S LM259X-L29 112 1.26 42.9 0.3 LP-44 LCI-44 — PE-53830 PE-53830S LM259X-L30 77 1.54 33 0.2 LP-44 LCI-44 — PE-53831 PE-53831S LM259X-L31 53 1.87 26.4 0.13 LP-44 LCI-44 — PE-53932 PE-53932S LM259X-L32 37 2.24 19.8 0.10 LP-44 LCI-44 — PE-53933 PE-53933S LM259X-L33 24 2.74 16.5 0.07 LP-44 LCI-44 — PE-53934 PE-53934S LM259X-L34 17 3.0 13.2 0.05 KM-1.0 LCI-44 .023 PE-53935 PE-53935S LM259X-L35 250 1.5 72.6 0.23 KM-3.0 HCI-68 .023 PE-54036 PE-54036S LM259X-L36 168 1.81 75.9 0.18 KM-3.0 HCI-68 .023 PE-54037 PE-54037S LM259X-L37 114 2.22 62.7 0.10 KM-3.0 HCI-68 .025 PE-54038 PE-54038S LM259X-L38 77 2.7 52.8 0.09 KM-3.0 HCI-68 .025 PE-54039 PE-54039S LM259X-L39 53 3.0 42.9 0.08 KM-3.0 HCI-68 .025 PE-54040 PE-54040S LM259X-L40 38 3.0 29.7 0.05 KM-3.0 HCI-68 .028 PE-54041 PE-54041S LM259X-L41 25 3.0 19.8 0.04 KM-2.0 LCI-50 .028 PE-54042 — LM259X-L42 167 2.5 75.9 0.14 KM-4.0 — .028 PE-54043 — LM259X-L43 121 3.0 75.9 0.09 KM-4.0 — .031 PE-54044 PE-54044S LM259X-L44 77 3.0 59.4 0.08 KM-3.0 HCI-68 .025 PE-53900 — LM258X-L 19 4.5 323 0.02 KM-3.0 — .035 Electrical Specifications @ 25°C— Operating Temperature -40° to +130° C 7 Notes : 1. Inductance values may vary ±20%. 2. ETop rated at 150kHz except where designated. 3. ETop rated at 100kHz. 4. SIMPLE SWITCHER™ is a trademark of National Semiconductor Corp. 5. For SMT parts, optional Tape & Reel packaging can be ordered by addin a "T" suffix to the part number (i.e. PE-53801S becomes PE-53801ST). Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Available in surface mount and through hole versions THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher ™ Pulse complies to industry standard tape and reel specification EIA481. 6. RoHS compliant parts are being introduced. Please contact Pulse for RoHS compliant part availability. If available, order part by adding the suffix “NL” to the part number (i.e.PE-53801 becomes PE-53801NL and PE-53801T becomes PE-53801NLT). 7. The temperature of the component (ambient plus temperature rise) must be within the stated operating temperature range. |
Similar Part No. - PE-53824S |
|
Similar Description - PE-53824S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |