Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V15H16-DZ100A05-K Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # V15H16-DZ100A05-K
Description  Electromechanical basic Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

V15H16-DZ100A05-K Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  V15H16-DZ100A05-K Datasheet HTML 1Page - Honeywell Solid State Electronics Center V15H16-DZ100A05-K Datasheet HTML 2Page - Honeywell Solid State Electronics Center V15H16-DZ100A05-K Datasheet HTML 3Page - Honeywell Solid State Electronics Center V15H16-DZ100A05-K Datasheet HTML 4Page - Honeywell Solid State Electronics Center V15H16-DZ100A05-K Datasheet HTML 5Page - Honeywell Solid State Electronics Center V15H16-DZ100A05-K Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electromechanical Basic Switches
CONNECTION DIMENSIONS
C-style quick connect - 6,35 mm wide x 0,8 mm thick
D-style quick connect - 4,80 mm wide x 0,8 mm thick
E- style quick connect - 4,80 mm wide x 0,5 mm thick
Honeywell Sensing and Control
3


Similar Part No. - V15H16-DZ100A05-K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15H16-CP100A02 HONEYWELL-V15H16-CP100A02 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H16-CZ100 HONEYWELL-V15H16-CZ100 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H16-CZ100A02 HONEYWELL-V15H16-CZ100A02 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H16-CZ100A03-K HONEYWELL-V15H16-CZ100A03-K Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H16-CZ100A05 HONEYWELL-V15H16-CZ100A05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
More results

Similar Description - V15H16-DZ100A05-K

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-1634-XX JFW-50S-1634-XX_18 Datasheet
30Kb / 2P
   ELECTROMECHANICAL RF SWITCH
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com