Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK5A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # EK5A
Description  SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

EK5A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  EK5A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd EK5A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20121213
EK5A Thru EK5J
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Ampere
FEATURES
For surface mounted applications
High temperature metallurgically bonded-no compression
contacts as found in other diode-constructed rectifiers
Glass passivated junction
Built-in strain relief
Easy pick and place
Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
Complete device submersible temperature of 260°C for 10
seconds in solder bath
High temperatur
e soldering : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
Weight: 0.007 ounce, 0.21 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
EK 5A
EK 5E
EK 5G
EK 5J
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified Current,
at TL=75℃
5.0
A
Peak Forward Surge Current 8.3ms single half sinewave
superimposed on rated load(JEDEC method)
100.0
A
Maximum Instantaneous Forward Voltage at 3.0A
0.95
1.25
1.7
0
V
Maximum DC Reverse Current TA=25℃
At Rated DC Blocking Voltage TA=100℃
5.0
200
µA
µA
Maximum Reverse Recovery Time (Note 1)
35.0
nS
Typical Junction capacitance (Note 2)
50.0
pF
Typical Thermal Resistance (Note 3)
RθJA
18
/W
Operating and Storage Temperature Range
TJ
-55 to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and applied Vr = 4.0 volts.
3. 8.0 mm2 ( .013mm thick ) land areas.
.128(3.25)
.108(2.75)
.012(.305)
.006(.152)
.008(.203)
.002(.051)
.050(1.27)
.030(0.76)
SMC/DO-214AB
Unit:inch(mm)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
EK 5B
EK 5C
EK 5D


Similar Part No. - EK5A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK50 APEX-EK50 Datasheet
138Kb / 2P
   EVALUATION KIT FOR PB50/PB58 POWER BOOSTERS
logo
Electronic devices inc.
EK500 EDI-EK500 Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
Cirrus Logic
EK51 APEX-EK51 Datasheet
334Kb / 2P
   EVALUATION KIT FOR DF (24-PIN PSOP)
EK52 APEX-EK52 Datasheet
450Kb / 4P
   EVALUATION KIT FOR MP230FC/MP240FC PIN OUT
EK54 APEX-EK54 Datasheet
270Kb / 2P
   EVALUATION KIT FOR PA60DK
More results

Similar Description - EK5A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
ER3A YEASHIN-ER3A Datasheet
786Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
E2A YEASHIN-E2A Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ER1A YEASHIN-ER1A Datasheet
43Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ER2A YEASHIN-ER2A Datasheet
44Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
Pan Jit International I...
ER2A PANJIT-ER2A Datasheet
64Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com