Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V15H22-DZ100A05-K Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # V15H22-DZ100A05-K
Description  Electromechanical basic Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

V15H22-DZ100A05-K Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  V15H22-DZ100A05-K Datasheet HTML 1Page - Honeywell Solid State Electronics Center V15H22-DZ100A05-K Datasheet HTML 2Page - Honeywell Solid State Electronics Center V15H22-DZ100A05-K Datasheet HTML 3Page - Honeywell Solid State Electronics Center V15H22-DZ100A05-K Datasheet HTML 4Page - Honeywell Solid State Electronics Center V15H22-DZ100A05-K Datasheet HTML 5Page - Honeywell Solid State Electronics Center V15H22-DZ100A05-K Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Electromechanical Basic Switches
NOMENCLATURE TREE
V15
XX
Switch type
Special designator
T T125
16
ENEC/CQC:
16(4) A, 250 Vac
UL/cUL:
16½ HP
125 Vac/250 Vac
C
6,30 mm x 0,80 mm
[0.250 in x 0.032 in]
Quick connect
Z SPDT
100
100 gf
0.98 N
No lever
pin plunger
No lever
pin plunger
A special designator
letter is used only
when terminal type is
"X" or actuator/lever
type is "99" to specify
that the terminals or
the actuator of the
switch is special.
Review product
specification to
determine the exact
differences.
H T150
22
ENEC/CQC:
22(8 )A, 250 Vac
UL/cUL:
22 A 1HP
125 Vac/250Vac
D
4,70 mm x 0,8 mm
[0.187 in x 0.032 in]
Quick connect
P
SPST-
NO
200
200 gf
1.96 N
A
Far from pin
plunger
01
Short straight
lever
E
4,70 mm x 0,5 mm
[0.187 in x 0.020 in]
Quick connect
C
SPST-
NC
300
300 gf
2.94 N
B
Near pin
plunger
02
Std. straight
lever
400
400 gf
3.92 N
03
Long straight
lever
04
Simulated
roller lever
05 Roller lever
06
Long roller
lever
99 Special lever
16
V15 Series
switch
T
C
Z
200
A
01
Lever position
Lever type
Temperature
grade
Terminal style
Circuit
code
Operating force
at pin plunger, max.
Electrical
rating
Metric
Ø3.1 mm
K
USA
Ø2.9 mm
Mounting holes
K
ORDER GUIDE
The V-Basics standard V15 series provide customers with
the flexibility to request quotes FOB Hong Kong or FOB
Freeport. In addition, drop shipments can be arranged to any
location in Asia Pacific.
FOB Freeport orders will be entered using ICOM.
Lead time 8 weeks.
FOB New House orders will be entered using SAP.
Lead time 8 weeks.
FOB Hong Kong or drop shipments a special order
request form will need to be submitted please
contact your application engineer or product
manager for details.
Honeywell Sensing and Control
5


Similar Part No. - V15H22-DZ100A05-K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15H22-CP100 HONEYWELL-V15H22-CP100 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H22-CP100A02 HONEYWELL-V15H22-CP100A02 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H22-CP200B03 HONEYWELL-V15H22-CP200B03 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H22-CZ100 HONEYWELL-V15H22-CZ100 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15H22-CZ100A02 HONEYWELL-V15H22-CZ100A02 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
More results

Similar Description - V15H22-DZ100A05-K

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-1634-XX JFW-50S-1634-XX_18 Datasheet
30Kb / 2P
   ELECTROMECHANICAL RF SWITCH
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com