Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER1J Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # ER1J
Description  SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ER1J Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  ER1J Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ER1J Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SUPERFAST RECTIFI ER
VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strainrelief
• Easy pick andplace
• Superfast recovery times for high efficiency
• Plastic package has Underwriters Laboratory
FlammabilityClassification 94V-O
• Glass passivated junction
• High temperature soldering:
260
J /10 seconds at terminals
High temperature soldering : 260
/ 10 seconds at terminals
Pb free prod
uct at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per
• MIL-STD-750, Method 2026
• Polarity: Indicated by cathodeband
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
ER1A
ER1B
ER1C
ER1D
ER1E
ER1G
ER1J
UNITS
Maximum Recurrent Peak Reverse V oltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectif ied Current ,
at TL=100
I(AV)
1.0
Amps
Peak Forward Surge Current 8.3ms single half
sine wave
super imposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Vol tage at 1.0A
VF
0.95
1.25
1.7
Volts
Maxi mum DC Reverse Cur rent T A=25
At Rated DC Blocking Volt age TA=100
IR
5.0
100
uA
Maximum Reverse Recovery Time (Note 1)
TRR
35.0
nS
Typi cal Junction capacitance (Note 2)
CJ
10.0
pF
Typical Thermal Resistance (Note 3 )
34
/W
Operating and Storage Temperature Range
TJ,TSTG
-55to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A
, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz andApplied reversevoltage of 4.0 volts
3. 8.0mm2(.013mm thick) land areas
.083(2.11)
.075(1.91)
.012(.305)
.006(.152)
.012(.31)
.006(.15)
.008(.203)
.002(.051)
.050(1.27)
.030(0.76)
SMB/DO-214AA
Unit:inch(mm)
.155(3.94)
.130(3.30)
.185(4.70)
.160(4.06)
.096(2.44)
.083(2.13)
.220(5.59)
.200(5.08)
OC
R
θJA
DATA SHEET
ER1A~ER1J
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C
°C


Similar Part No. - ER1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1J PANJIT-ER1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Luguang Electr...
ER1J LUGUANG-ER1J Datasheet
207Kb / 2P
   Surface Mount Rectifiers
logo
Micro Commercial Compon...
ER1J MCC-ER1J Datasheet
203Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Transys Electronics
ER1J TRSYS-ER1J Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Diotec Semiconductor
ER1J DIOTEC-ER1J Datasheet
100Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
More results

Similar Description - ER1J

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
ER2A YEASHIN-ER2A Datasheet
44Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
ER3A YEASHIN-ER3A Datasheet
786Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com