Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF37G Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SF37G
Description  SUPE RFAST RECOVERY RECTIFIERS VOLTAG E - 50 to 8 00 Volts CURRENT - 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF37G Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SF37G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF37G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPE RFAST RECOVERY RECTIFIERS
VOLTAG E - 50 to 8 00 Volts CURRENT - 3.0 Amperes
FEATURES
• Superfast recovery times-epitaxial construction
• Low forward voltage, high current capability
• Exceeds environmental standards of MIL-S-19500/228
• Hermetically sealed
• Low leakage
• High surge capability
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
High temperature soldering : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
• Case: Molded plastic, DO-201AD
• Terminals: Axial leads, solderable to MIL-STD-202,
Method 208
• Polarity: Color Band denotes cathode end
• Mounting Position: Any
• Weight: 0.04 ounce, 1.12 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
SF31G
SF32G
SF33G
SF34G
SF35G
SF36G
SF37G
SF38G
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
150
200
300
400
600
800
Maximum RMS Voltage
35
70
105
140
210
320
420
640
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
800
Maximum Average Forward
Current .375"(9.5mm) lead length
at TA=55
3.0
A
Peak Forward Surge Current, IFM (surge):
8.3ms single half sine-wave superimposed
on rated load(JEDEC method)
125.0
A
Maximum Forward Voltage at 3.0A DC
0.95
1.25
1.7
Maximum DC Reverse Current
at Rated DC Blocking Voltage
5.0
uA
Maximum DC Reverse Current at
Rated DC Blocking Voltage TA=125
300
Maximum Reverse Recovery Time(Note 1)
35.0
nS
Typical Junction capacitance (Note 2)
35
pF
Typical Junction Resistance(Note 3)
20.0
/W
Operating and Storage Temperature Range TJ
-55 to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
.375 (9.5)
.285 (7.2)
.210 (5.3)
.188 (4.8)
.052 (1.3)
.048 (1.2)
DIA.
DIA.
DO-201AD Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
uA
R
θJA
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TRR
CJ
TJ,TSTG
IR
DATA SHEET
SF31G~SF38 G
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C
V
V
V
V


Similar Part No. - SF37G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF37G TSC-SF37G Datasheet
72Kb / 2P
   3.0 AMPS. Ultra Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SF37G DSK-SF37G Datasheet
377Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF37G TSC-SF37G Datasheet
258Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Formosa MS
SF37G FORMOSA-SF37G Datasheet
88Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF37G BILIN-SF37G Datasheet
159Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF37G

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SF51G YEASHIN-SF51G Datasheet
57Kb / 2P
   SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
Shenzhen Yixinwei Techn...
SF51G YIXIN-SF51G Datasheet
145Kb / 2P
   SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
Yea Shin Technology Co....
SF21G YEASHIN-SF21G Datasheet
79Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
ER300 PANJIT-ER300 Datasheet
66Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
ON Semiconductor
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
GOOD-ARK Electronics
MR850 GOOD-ARK-MR850 Datasheet
154Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 800 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com