Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V15T22-CZ200B05-K Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # V15T22-CZ200B05-K
Description  Electromechanical basic Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

V15T22-CZ200B05-K Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  V15T22-CZ200B05-K Datasheet HTML 1Page - Honeywell Solid State Electronics Center V15T22-CZ200B05-K Datasheet HTML 2Page - Honeywell Solid State Electronics Center V15T22-CZ200B05-K Datasheet HTML 3Page - Honeywell Solid State Electronics Center V15T22-CZ200B05-K Datasheet HTML 4Page - Honeywell Solid State Electronics Center V15T22-CZ200B05-K Datasheet HTML 5Page - Honeywell Solid State Electronics Center V15T22-CZ200B05-K Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V-Basic Standard V15 Series
Specifications
Insulation resistance
≥ 100 mOhm (500 Vdc)
Dielectric strength
1000 Vac (50 Hz/60 Hz, 1 min.)
Contact resistance
100 milliOhm max.
Operating frequency - electrical
10 to 30 operations per minute
Operating frequency – mechanical
300 operations per minute max.
Operating speed
0,1mm - 1m/sec.
Service life mechanical
5 million cycles (operating force < 200 g); 1 million cycles (operating force > 200 g)
Service life electrical
6000 or 50000 operations minimum
Storage temperature
-25 °C to 100 °C [-13 °F to 212 °F]
Storage humidity
85 % RH max.
Micro disconnection (μ)
< 3 mm contact gap
Agency approvals
ENEC, CQC, UL, cUL
ELECTRICAL CHARACTERISTICS
Electrical rating
16
ENEC/CQC ; 16(4) A, 250 Vac (50000 cycles)
UL/cUL ; 16½ HP, 125 Vac/250 Vac (6000 cycles)
22
ENEC/CQC: 22(8 )A, 250 Vac (10000 cycles)
UL/cUL: 22 A 1HP, 125 Vac/250Vac (6000 cycles)
DIMENSIONS
MOUNTING HOLE DIMENSIONS
Metric mounting for Ø3 mm pins or screws
USA mounting for #4 screws
2
www.honeywell.com/sensing


Similar Part No. - V15T22-CZ200B05-K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15T22-CZ200A05 HONEYWELL-V15T22-CZ200A05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V15T22-CZ200A06 HONEYWELL-V15T22-CZ200A06 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
More results

Similar Description - V15T22-CZ200B05-K

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-1634-XX JFW-50S-1634-XX_18 Datasheet
30Kb / 2P
   ELECTROMECHANICAL RF SWITCH
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com