Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66285G Datasheet(PDF) 3 Page - EPCOS

Part # B66285G
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66285G Datasheet(HTML) 3 Page - EPCOS

  B66285G Datasheet HTML 1Page - EPCOS B66285G Datasheet HTML 2Page - EPCOS B66285G Datasheet HTML 3Page - EPCOS B66285G Datasheet HTML 4Page - EPCOS B66285G Datasheet HTML 5Page - EPCOS B66285G Datasheet HTML 6Page - EPCOS B66285G Datasheet HTML 7Page - EPCOS B66285G Datasheet HTML 8Page - EPCOS B66285G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 22
Combination:
ELP 22/6/16 with I 22/2.5/16
To IEC 62317-9
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.33 mm–1
le
= 26.1 mm
Ae
= 78.5 mm2
Amin = 77.9 mm2
Ve
= 2050 mm3
Approx. weight 10.5 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
** Plate-type tool type
Mate-
rial
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
(per piece)
N49
3700
25%
960 250
< 0.50 ( 50 mT, 500 kHz, 100 °C) B66285G0000X149 (ELP core)
B66285K0000X149 (I core)**
N92
4000
25%
1050 350
< 1.38 (200 mT, 100 kHz, 100 °C) B66285G0000X192 (ELP core)
B66285K0000X192 (I core)**
N87
5200
25%
1360 300
< 1.25 (200 mT, 100 kHz, 100 °C) B66285G0000X187 (ELP core)
B66285K0000X187 (I core)**
N97
5250
25%
1390 310
< 1.00 (200 mT, 100 kHz, 100 °C) B66285G0000X197 (ELP core)
B66285K0000X197 (I core)**
ELP 22/6/16
I 22/2.5/16
B66285
Core and accessories (with clamp recess)
ELP 22/6/16 with I 22/2.5/16


Similar Part No. - B66285G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66285G EPCOS-B66285G Datasheet
241Kb / 7P
   Ferrites and accessories
B66285G0000X149 EPCOS-B66285G0000X149 Datasheet
241Kb / 7P
   Ferrites and accessories
B66285G0000X187 EPCOS-B66285G0000X187 Datasheet
241Kb / 7P
   Ferrites and accessories
B66285G0000X192 EPCOS-B66285G0000X192 Datasheet
241Kb / 7P
   Ferrites and accessories
B66285G0000X197 EPCOS-B66285G0000X197 Datasheet
241Kb / 7P
   Ferrites and accessories
More results

Similar Description - B66285G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com