Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-311Y Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-311Y
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-311Y Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-311Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-311Y Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Package Dimensions
Package Drawing B
A
B
F
G
D
C
E
DP
TOP SIDE
9.70 ± 0.25
(0.382)
3.90
(0.153)
0.30 ± 0.05
(0.012)
7.62 ± 0.38
(0.300)
6.00
(0.236)
0.90
(0.035)
10.00°
10.00
(0.394)
1.85
(0.073)
1.20
(0.047)
FRONT VIEW
4 x 2.54
(0.400)
12.80 ± 0.25
(0.504)
RIGHT SIDE
LUMINOUS
INTENSITY
CATEGORY
COUNTRY
OF ORIGIN
COLOR BIN
2.54 ± 0.38
(0.100)
0.50 ± 0.05
(0.02)
7.00 ± 0.25
(0.276)
10.40
(0.409)
DATE
CODE
6.40 ± 0.25
(0.252)
MIN.
DIMENSIONS IN MILLIMETERS (INCHES)


Similar Part No. - HDSP-311Y

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311Y AVAGO-HDSP-311Y Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results

Similar Description - HDSP-311Y

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-G01X HP-HDSP-G01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com