Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-313G Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-313G
Description  7.62 mm (0.3 inch) General Purpose Seven-Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-313G Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-313G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Color Bin Limits (nm at 10 mA)
Color
Bin
Dominant Wavelength (nm)
Min.
Max.
Green
3
569.1
571.1
4
571.1
573.1
5
573.1
585.5
Yellow
1
585.5
588.5
2
588.5
591.5
3
591.5
594.5
Note:
1. Tolerance for each bin limit is 1 nm.
AlGaAs Red
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
331A
333A
334A
Luminous Intensity/Segment
IV
3.93
mcd
IF = 5 mA
2.001
4.20
IF = 10 mA
Forward Voltage
VF
1.85
2.00
V
IF = 20 mA
Peak Wavelength
PEAK
660
nm
Dominant Wavelength
d
643
nm
Reverse Voltage
VR
5V
IR = 100
A
Yellow
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
331Y
333Y
334Y
Luminous Intensity/Segment
IV
0.71
mcd
IF = 5 mA
0.80
1.50
IF = 10 mA
Forward Voltage
VF
2.15
2.60
V
IF = 20 mA
Peak Wavelength
PEAK
595
nm
Dominant Wavelength
d
590
nm
Reverse Voltage
VR
5V
IR = 100
A
Intensity Bin Limits (mcd at 10 mA)
Bin Name
HER/Green/Yellow
AlGaAs Red
Min. [1]
Max. [1]
Min. [1]
Max. [1]
G
0.801
1.250
NA
NA
H
1.251
2.000
NA
NA
I
2.001
3.200
2.001
3.200
J
NA
NA
3.201
5.050
K
NA
NA
5.051
8.000
Note:
1. Tolerance for each bin limit is ± 10%.


Similar Part No. - HDSP-313G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-313G AVAGO-HDSP-313G Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-313G AVAGO-HDSP-313G Datasheet
80Kb / 11P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-313G AVAGO-HDSP-313G Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-313G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
Lite-On Technology Corp...
LTS-312AG LITEON-LTS-312AG Datasheet
112Kb / 5P
   The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com