Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-315G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-315G
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-315G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-315G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-315G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HDSP-315x/316x Series
HDSP-515x/516x Series
Notes:
1. Package dimensions in millimeters.
2. Untoleranced dimensions are for reference only.
3. For yellow and green devices only.
10
9.7 ± 0.1
0.3 ± 0.05
7.62
± 0.38
DIA. 1.2
10°
0.9
12.8
± 0.2
6
2.54 ± 0.38
0.53
± 0.05
4 x 2.54
6.4
± 0.1
7
± 0.1
10.4 MIN.
1
2
3
4
5
6
7
8
9
10
g
f
Common A/C
e
d
DP
c
Common A/C
b
a
1
2
3
4
5
10
9
8
7
6
DP
a
b
g
c
d
e
f
HDSP-315X pkg dimen. (A)
COLOR BIN (NOTE 3)
LUMINOUS
INTENSITY
CATEGORY
DATE
CODE
PIN FUNCTION
13.0
12.25 ± 0.15
0.38 ± 0.08
2.54 ± 0.3 TYP.
DIA. 1.25
10°
1.25
17.50
7.40
2.54 ± 0.38
0.29 ± 0.08 TYP.
15.24 ± 0.3
6.40
± 0.1
7.00
± 0.1
3.60 ± 0.3
PIN FUNCTION
1
2
3
4
5
6
7
8
9
10
e
d
Common A/C
c
DP
b
a
Common A/C
f
g
HDSP-315X pkg dimen. (B)
COLOR BIN (NOTE 3)
LUMINOUS
INTENSITY
CATEGORY
DATE
CODE
1.04 ± 0.3 TYP.
+ 0.3
– 0.1
1 2 3 4 5
10 9 8 7 6
5.08
DP
a
b
g
c
d
e
f


Similar Part No. - HDSP-315G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-315G HP-HDSP-315G Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315G HP-HDSP-315G Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315G AVAGO-HDSP-315G Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315G-GG200 HP-HDSP-315G-GG200 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315G-GG300 HP-HDSP-315G-GG300 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-315G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com