Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-7801 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-7801
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-7801 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-7801 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-7801 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HDSP-740x Series
7.6 mm (0.3 inch) Micro Bright
Seven Segment Displays
Data Sheet
Description
The 7.6 mm (0.3 inch) LED seven segment displays
are designed for viewing distances up to 3 metres (10 feet).
These devices use an industry standard size package and
pinout. Both the numeric and ±1. overflow devices feature
a right hand decimal point. All devices are available as
either common anode or common cathode.
These displays are ideal for most applications. Pin for pin
equivalent displays are also available in a low current
design. The low current displays are ideal for portable
applications. For additional information see the Low
Current Seven Segment Displays.
HDSP-740x Series, HDSP-750x Series, HDSP-780x Series,
HDSP-A15x Series, HDSP-A40x Series
Features
x Available with colon for clock display
x Compact package
– 0.300 x 0.500 inches
– Leads on 2.54 mm (0.1 inch) centers
x Choice of colors
– AlGaAs Red, High Efficiency Red, Yellow, Green, Orange
x Excellent appearance
– Evenly lighted segments
– Mitered corners on segments
– Surface color gives optimum contrast
– ±50° viewing angle
x Design flexibility
– Common anode or common cathode
– Right hand decimal point
– ±1. Overflow Character
x Categorized for luminous intensity
– Yellow and Green categorized for color
– Use of like categories yields a uniform display
x High light output
x High peak current
x Excellent for long digit string multiplexing
x Intensity and color selection available
– See Intensity and Color Selected Displays Data Sheet
x Sunlight viewable AlGaAs
Devices
Orange
HDSP-
AlGaAs [1]
HDSP-
HER [1]
HDSP-
Yellow [1]
HDSP-
Green [1]
HDSP-
Description
Package
Drawing
A401
A151
7501
7401
7801
Common Anode Right Hand Decimal
A
7502
7802
Common Anode Right Hand Decimal, Colon
B
A403
A153
7503
7403
7803
Common Cathode Right Hand Decimal
C
7504
7804
Common Cathode Right Hand Decimal, Colon
D
7507
7807
CommonAnode ±1. Overfolw
E
7508
7808
Common Cathode ±1. Overfolw
F
Note:
1. These displays are recommended for high ambient light operation. Please refer to the HDSP-A10X AlGaAs, HDSP-335X HER, HDSP-A80X Yellow, and
HDSP-A90X Green data sheet for low current operation.


Similar Part No. - HDSP-7801

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-7801 HP-HDSP-7801 Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801 AVAGO-HDSP-7801 Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results

Similar Description - HDSP-7801

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com