Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-516L Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-516L
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-516L Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-516L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-516L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
16
0
2
4
6
8
10
12
14
20
100
90
80
70
60
50
40
30
TA – AMBIENT TEMPERATURE – °C
120
110
20
18
HER
R
θJ-A = 770°C/W
0
0.5
1.0
1.5
2.0
2.5
3.0
0
VF – FORWARD VOLTAGE - V
50
40
30
20
10
HER
0
2
4
6
8
10
12
14
16
0
VF – FORWARD CURRENT PER SEGMENT – mA
16
12
10
6
2
14
8
4
HER
HER Low Current
Figure 10. Maximum allowable average or DC current vs. ambient
temperature.
Figure 11. Forward current vs. forward voltage.
Figure 12. Relative luminous intensity vs. DC forward current.


Similar Part No. - HDSP-516L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-516L HP-HDSP-516L Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-516L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com