Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-7620 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-7620
Description  7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-7620 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-7620 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-7620 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5082-761x Series
7.6 mm (0.3 inch)/10.9 mm (0.43 inch)
Seven Segment Displays
Data Sheet
5082-761x Series/-762x Series/-765x Series/-766x Series
HDSP-360x Series/-460x Series/-E15x Series
Description
The 7.6 mm (0.3 inch) and 10.9 mm (0.43 inch) LED seven
segment displays are designed for viewing distances up
to 3 metres (10 feet) and 5 metres (16 feet). These devices
use an industry standard size package and pinouts. All
devices are available as either common anode or common
cathode.
Features
x Industry standard size
x Industry standard pinout
– 7.62 mm (0.300 inch) DIP leads on 2.54 mm (0.100
inch) centers
x Choice of colors
– AlGaAs Red, High Efficiency Red, Yellow, Green
x Excellent appearance
– Evenly lighted segments
– ±50° viewing angle
– Optimum contrast given by gray top surface for
AlGaAs Red and Green devices
– Red top surface for HER devices
– Yellow top surface for yellow devices
Features, continued
x Design flexibility
– Common anode or common cathode
– Single digits
– Left or right hand decimal point ±1. overflow
character
x Categorized for luminous intensity
– Yellow and Green categorized for color
– Use of like categories yields a uniform display
x High light output
x High peak current
x Excellent for long digit string multiplexing
x Intensity and color selection available
– See Intensity and Color Selected Displays Data Sheet
x Sunlight viewable AlGaAs
Devices
AlGaAs[1]
Red HDSP-
HER[1]
5082-
Yellow
5082-
Green
HDSP-
Description
Package
Drawing
7610
7620
3600
7.6 mm Common Anode Left Hand Decimal
A
7611
7621
3601
7.6 mm Common Anode Right Hand Decimal
B
7613
7623
3603
7.6 mm Common Cathode Right Hand Decimal
C
E150
7650
4600
10.9 mm Common Anode Left Hand Decimal
E
E151
7651
7661
4601
10.9 mm Common Anode Right Hand Decimal
F
E153
7653
7663
4603
10.9 mm Common Cathode Right Hand Decimal
G
E156
7656
7666
4606
10.9 mm Universal ± 1. Overflow Right Hand Decimal[2]
H
Notes:
1. These displays are recommended for high ambient light operation. Please refer to the HDSP-E10X AlGaAs and HDSP-335X HER data sheet for low
current operation.
2. Universal pinout brings the anode and cathode of each segment’s LED out to separate pins. See internal diagram H.


Similar Part No. - HDSP-7620

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-701A AVAGO-HDSP-701A Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-701A-00000 HP-HDSP-701A-00000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-701A-0I000 HP-HDSP-701A-0I000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-701A-0J000 HP-HDSP-701A-0J000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
More results

Similar Description - HDSP-7620

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com