Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-F211 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-F211
Description  Black Surface Seven Segment Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-F211 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-F211 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HDSP-F211 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
HER, Green, Orange
Figure 7. Maximum allowable dc current vs. ambient temperature.
Figure 8. Forward current vs. forward voltage characteristics.
Figure 9. Relative luminous intensity vs. dc forward current.
Figure 10. Relative efficiency (luminous intensity per unit current) vs.
peak current.
40
0
5
10
15
20
25
30
35
20
100
90
80
70
60
50
40
30
T
– AMBIENT TEMPERATURE – °C
A
120
110
50
45
HER / ORANGE
GREEN
R
= 770°C/W
θ J-A
0
100
80
60
40
20
2.0
4.0
3.0
1.0
V
– FORWARD VOLTAGE – V
F
0
5.0
HER / ORANGE
GREEN
15
0
10
8
6
4
2
20
530
10
25
12
I – FORWARD CURRENT PER SEGMENT – mA
F
0
GREEN
HER / ORANGE
0
I
– PEAK FORWARD CURRENT
PER SEGMENT – mA
PEAK
0.8
1.0
1.2
1.4
100
20
80
60
40
1.8
1.6
GREEN
HER / ORANGE
Figure 5. Maximum tolerable peak current vs. pulse duration – HER,
Orange.
Figure 6. Maximum tolerable peak current vs. pulse duration – Green.
W±38/6('85$7,21±—V
3













'&23(5$7,21
23(5$7,21,17+,6
5(*,215(48,5(6
7(03(5$785(
'(5$7,1*2),
0$;,080
'&
W±38/6('85$7,21±—V
3













'&23(5$7,21
23(5$7,21,17+,6
5(*,215(48,5(6
7(03(5$785(
'(5$7,1*2),
0$;,080
'&


Similar Part No. - HDSP-F211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F211 HP-HDSP-F211 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F211 AVAGO-HDSP-F211 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-F211-00000 HP-HDSP-F211-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-F211-0C000 HP-HDSP-F211-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-F211-0D000 HP-HDSP-F211-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-F211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-AX11 HP-HDSP-AX11 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com