Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100-021 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100-021
Description  Surface-Mount Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100-021 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-9100-021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Recommended Reflow Profile
Process Zone
Symbol
'T
Maximum
'T/'time
or Duration
Heat Up
P1, R1
25°C to 150°C
3°C/s
Solder Paste Dry
P2, R2
150°C to 200°C
100s to 180s
Solder Reflow
P3, R3
P3, R4
200°C to 260°C
260°C to 200°C
3°C/s
-6°C/s
Cool Down
P4, R5
200°C to 25°C
-6°C/s
Time maintained above liquidus point , 217°C
> 217°C
60s to 120s
Peak Temperature
260°C
-
Time within 5°C of actual Peak Temperature
> 255°C
20s to 40s
Time 25°C to Peak Temperature
25°C to 260°C
8mins
The reflow profile is a straight-line representation of
a nominal temperature profile for a convective reflow
solder process. The temperature profile is divided into
four process zones, each with different
'T/'time tem-
perature change rates or duration. The
'T/'time rates or
duration are detailed in the above table. The tempera-
tures are measured at the component to printed circuit
board connections.
In process zone P1, the PC board and component pins are
heated to a temperature of 150°C to activate the flux in
the solder paste. The temperature ramp up rate, R1, is
limited to 3°C per second to allow for even heating of
both the PC board and component pins.
Process zone P2 should be of sufficient time duration (100
to 180 seconds) to dry the solder paste. The temperature
is raised to a level just below the liquidus point of the
solder.
Process zone P3 is the solder reflow zone. In zone P3, the
temperature is quickly raised above the liquidus point
of solder to 260°C (500°F) for optimum results. The
dwell time above the liquidus point of solder should be
between 60 and 120 seconds. This is to assure proper
coalescing of the solder paste into liquid solder and the
formation of good solder connections. Beyond the rec-
ommended dwell time the intermetallic growth within
the solder connections becomes excessive, resulting in
the formation of weak and unreliable connections. The
temperature is then rapidly reduced to a point below
the solidus temperature of the solder to allow the solder
within the connections to freeze solid.
Process zone P4 is the cool down after solder freeze.
The cool down rate, R5, from the liquidus point of the
solder to 25°C (77°F) should not exceed 6°C per second
maximum. This limitation is necessary to allow the PC
board and component pins to change dimensions evenly,
putting minimal stresses on the component.
It is recommended to perform reflow soldering no more
than twice.
50
100
150
200
250
300
t-TIME
(SECONDS)
25
80
120
150
180
200
230
255
0
R1
R2
R3
R4
R5
217
MAX 260°C
60 sec to 120 sec
Above 217
°C
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL DOWN


Similar Part No. - HSDL-9100-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
More results

Similar Description - HSDL-9100-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com