Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-F513 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-F513
Description  Black Surface Seven Segment Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-F513 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-F513 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-F513 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Devices
AlGaAs
Orange
Red
HER
Green
Package
HDSP-
HDSP-
HDSP-
HDSP-
Description
Drawing
A111
A211
A511
7.6 mm Common Anode Right Hand Decimal
A
A413
A113
A213
A513
7.6 mm Common Cathode Right Hand Decimal
B
F111
F211
F511
10 mm Common Anode Right Hand Decimal
C
F413
F113
F213
F513
10 mm Common Cathode Right Hand Decimal
D
G111
G211
G511
10 mm Two Digit Common Anode Right Hand Decimal
E
G113
G213
G513
10 mm Two Digit Common Cathode Right Hand Decimal
F
H111
H211
H511
14.2 mm Common Anode Right Hand Decimal
G
H413
H113
H213
H513
14.2 mm Common Cathode Right Hand Decimal
H
K111
K211
K511
14.2 mm Two Digit Common Anode Right Hand Decimal
I
K113
K213
K513
14.2 mm Two Digit Common Cathode Right Hand Decimal
J
Description
These devices use industry standard size package and
pinout. Available with black surface finish. All devices are
available as either common anode or common cathode.
Typical applications include appliances, channel indica-
tors of TV, CATV converters, game machines, and point
of sale terminals.
HDSP-AX11/-AX13 Series, HDSP-FX11/-FX13 Series
HDSP-GX11/-GX13 Series, HDSP-HX11/-HX13 Series
HDSP-KX11/-KX13 Series
Black Surface Seven Segment Displays
Data Sheet
Features
x Black surface and color tinted epoxy
x Industry standard size
x Industry standard pinout
x Choice of character size
7.6 mm (0.30 in.), 10 mm (0.40 in.),
14.2 mm (0.56 in.)
x Choice of colors
AlGaAs Red, High Efficiency Red (HER), Green,
Orange
x Excellent appearance
Evenly lighted segments
± 50° Viewing angle
x Design flexibility
Common anode or common cathode
Single and two digit
x Categorized for luminous intensity
Categorized for color: Green
Use of like categories yields a uniform display
x Excellent for long digit string multiplexing


Similar Part No. - HDSP-F513

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F513 HP-HDSP-F513 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F513 AVAGO-HDSP-F513 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-F513-00200 HP-HDSP-F513-00200 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-F513-00300 HP-HDSP-F513-00300 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-F513-00400 HP-HDSP-F513-00400 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-F513

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-AX11 HP-HDSP-AX11 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com