Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-E156 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-E156
Description  7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-E156 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-E156 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-E156 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Electrical/Optical Characteristics at TA = 25°C
AlGaAs Red
Device Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
HDSP-E15x
Luminous Intensity/Segment[1,2,5]
(Digit Average)
IV
8.5
15.0
mcd
IF = 20 mA
Forward Voltage/Segment or DP
VF
1.8
V
IF = 20 mA
2.0
3.0
V
IF = 100 mA
Peak Wavelength
OPEAK
645
nm
Dominant Wavelength[3]
Od
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100
PA
Temperature Coefficient of VF/
Segment or DP
'VF/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
R
TJ-PIN
340
°C/W/Seg
High Efficiency Red
Device Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
5082-761x
Luminous Intensity/Segment[1,2,6]
(Digit Average)
IV
340
800
Pcd
IF = 5 mA
5082-765x
340
1115
Pcd
IF = 5 mA
All
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 20 mA
Peak Wavelength
OPEAK
635
nm
Dominant Wavelength[3]
Od
626
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
30
V
IR = 100
PA
Temperature Coefficient of VF/
Segment or DP
'VF/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
R
TJ-PIN
280
°C/W
Yellow
Device Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
5082-762x
Luminous Intensity/Segment[1,2]
(Digit Average)
IV
205
620
Pcd
IF = 5 mA
5082-766x
290
835
Pcd
IF = 5 mA
All
Forward Voltage/Segment or DP
VF
2.2
2.5
V
IF = 20 mA
Peak Wavelength
OPEAK
583
nm
Dominant Wavelength[3,7]
Od
581.5
586
592.5
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
40
V
IR = 100
PA
Temperature Coefficient of VF/
Segment or DP
'VF/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
R
TJ-PIN
280
°C/W/Seg


Similar Part No. - HDSP-E156

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-E15X HP-HDSP-E15X Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-E15X HP-HDSP-E15X Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
More results

Similar Description - HDSP-E156

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com