Electronic Components Datasheet Search |
|
EP3C16F780C8 Datasheet(PDF) 7 Page - Altera Corporation |
|
EP3C16F780C8 Datasheet(HTML) 7 Page - Altera Corporation |
7 / 34 page Chapter 1: Cyclone III Device Datasheet 1–7 Electrical Characteristics July 2012 Altera Corporation Cyclone III Device Handbook Volume 2 The OCT resistance may vary with the variation of temperature and voltage after calibration at device power-up. Use Table 1–8 and Equation 1–1 to determine the final OCT resistance considering the variations after calibration at device power-up. Table 1–8 lists the change percentage of the OCT resistance with voltage and temperature. Table 1–8. Cyclone III Devices OCT Variation After Calibration at Device Power-Up Nominal Voltage dR/dT (%/°C) dR/dV (%/mV) 3.0 0.262 –0.026 2.5 0.234 –0.039 1.8 0.219 –0.086 1.5 0.199 –0.136 1.2 0.161 –0.288 Equation 1–1. (1), (2), (3), (4), (5), (6) R V = (V2 – V1) × 1000 × dR/dV (7) R T = (T2 – T1) × dR/dT (8) For R x < 0; MFx = 1/ (|Rx|/100 + 1) (9) For Rx > 0; MFx = Rx/100 + 1 (10) MF = MFV × MFT (11) Rfinal = Rinitial × MF (12) Notes to Equation 1–1: (1) T2 is the final temperature. (2) T1 is the initial temperature. (3) MF is multiplication factor. (4) Rfinal is final resistance. (5) Rinitial is initial resistance. (6) Subscript × refers to both V and T. (7) R V is variation of resistance with voltage. (8) R T is variation of resistance with temperature. (9) dR/dT is the change percentage of resistance with temperature after calibration at device power-up. (10) dR/dV is the change percentage of resistance with voltage after calibration at device power-up. (11) V2 is final voltage. (12) V1 is the initial voltage. |
Similar Part No. - EP3C16F780C8 |
|
Similar Description - EP3C16F780C8 |