Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C55F780C8 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP3C55F780C8
Description  The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C55F780C8 Datasheet(HTML) 3 Page - Altera Corporation

  EP3C55F780C8 Datasheet HTML 1Page - Altera Corporation EP3C55F780C8 Datasheet HTML 2Page - Altera Corporation EP3C55F780C8 Datasheet HTML 3Page - Altera Corporation EP3C55F780C8 Datasheet HTML 4Page - Altera Corporation EP3C55F780C8 Datasheet HTML 5Page - Altera Corporation EP3C55F780C8 Datasheet HTML 6Page - Altera Corporation EP3C55F780C8 Datasheet HTML 7Page - Altera Corporation EP3C55F780C8 Datasheet HTML 8Page - Altera Corporation EP3C55F780C8 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–3
Electrical Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
1 A DC signal is equivalent to 100% duty cycle. For example, a signal that overshoots to
4.2 V can only be at 4.2 V for 10.74% over the lifetime of the device; for device lifetime
of 10 years, this amounts to 10.74/10ths of a year.
Figure 1–1 shows the methodology to determine the overshoot duration.
Table 1–2. Cyclone III Devices Maximum Allowed Overshoot During Transitions over a 10-Year
Time Frame
(1)
Symbol
Parameter
Condition
Overshoot Duration as % of High Time
Unit
Vi
AC Input
Voltage
VI = 3.95 V
100
%
VI = 4.0 V
95.67
%
VI = 4.05 V
55.24
%
VI = 4.10 V
31.97
%
VI = 4.15 V
18.52
%
VI = 4.20 V
10.74
%
VI = 4.25 V
6.23
%
VI = 4.30 V
3.62
%
VI = 4.35 V
2.1
%
VI = 4.40 V
1.22
%
VI = 4.45 V
0.71
%
VI = 4.50 V
0.41
%
VI = 4.60 V
0.14
%
VI = 4.70 V
0.047
%
Note to Table 1–2:
(1) Figure 1–1 shows the methodology to determine the overshoot duration. In the example in Figure 1–1, overshoot
voltage is shown in red and is present on the input pin of the Cyclone III device at over 4.1 V but below 4.2 V. From
Table 1–1, for an overshoot of 4.1 V, the percentage of high time for the overshoot can be as high as 31.97% over
a 10-year period. Percentage of high time is calculated as ([delta T]/T) × 100. This 10-year period assumes the
device is always turned on with 100% I/O toggle rate and 50% duty cycle signal. For lower I/O toggle rates and
situations in which the device is in an idle state, lifetimes are increased.
Figure 1–1. Cyclone III Devices Overshoot Duration
3.3 V
4.1 V
4.2 V
T
ΔT


Similar Part No. - EP3C55F780C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
   This section provides a complete overview of all features relating to the Cyclone III device family
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
406Kb / 8P
   Cyclone III low-cost FPGAs
More results

Similar Description - EP3C55F780C8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Integrated Device Techn...
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
   This chapter discusses the following topics about the Tsi340
TSI352 IDT-TSI352 Datasheet
926Kb / 183P
   This chapter discusses the following topics about the Tsi352
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
   The following sections will demonstrate how to achieve
logo
Omron Electronics LLC
A22N-PS185 OMRON-A22N-PS185 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
logo
List of Unclassifed Man...
AN1071 ETC-AN1071 Datasheet
77Kb / 6P
   Information About the LM2650 Evaluation Board
logo
Integrated Device Techn...
TSI384 IDT-TSI384 Datasheet
77Kb / 2P
   Compliant with the following specifications
TSI381 IDT-TSI381 Datasheet
115Kb / 2P
   Compliant with the following specifications
logo
Estek Electronics Co. L...
ET-LM317 ESTEK-ET-LM317 Datasheet
239Kb / 2P
   ABSOLUTE MAXIMUM RATINGS OVER OPERATING TEMPERATURE RANGE
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com