Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-K513 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-K513
Description  Black Surface Seven Segment Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-K513 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-K513 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP-K513 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
High Performance Green
Device Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
A51X
Luminous Intensity/Segment[1,2]
IV
860
3000
μcd
IF = 10 mA
(Digit Average)
6800
IF = 20 mA
F51X, G51X
1030
3500
IF = 10 mA
H51X, K51X
900
2500
IF = 10 mA
3100
IF = 60 mA Peak:
1/6 Duty Factor
All
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 10 mA
Devices
Peak Wavelength
OPEAK
566
nm
Dominant Wavelength[3,5]
Od
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
50
V
IR = 100 μA
Temperature Coefficient of
ΔVF/°C
-2
mV/°C
VF/Segment or DP
A51X
Thermal Resistance LED
R
TJ-PIN
200
°C/W/
F51X, G51X
Junction-to-Pin
320
Seg.
H51X, K51X
345
Notes:
1. Case temperature of device immediately prior to the intensity measurement is 25°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
Od, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. Green (HDSP-A51X/F51X/G51X/H512X/K51X) series displays are categorized for dominant wavelength. The category is designated by a number
adjacent to the luminous intensity category letter.


Similar Part No. - HDSP-K513

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-K513 HP-HDSP-K513 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K513 AVAGO-HDSP-K513 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-K513-00200 HP-HDSP-K513-00200 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-K513-00300 HP-HDSP-K513-00300 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-K513-00400 HP-HDSP-K513-00400 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-K513

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-AX11 HP-HDSP-AX11 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com