Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC1817 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRFIC1817
Description  1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1817 Datasheet(HTML) 1 Page - Motorola, Inc

  MRFIC1817 Datasheet HTML 1Page - Motorola, Inc MRFIC1817 Datasheet HTML 2Page - Motorola, Inc MRFIC1817 Datasheet HTML 3Page - Motorola, Inc MRFIC1817 Datasheet HTML 4Page - Motorola, Inc MRFIC1817 Datasheet HTML 5Page - Motorola, Inc MRFIC1817 Datasheet HTML 6Page - Motorola, Inc MRFIC1817 Datasheet HTML 7Page - Motorola, Inc MRFIC1817 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MRFIC1817
MOTOROLA RF DEVICE DATA
The MRFIC Line
1800 MHz GaAs Integrated
Power Amplifier
Designed specifically for application in Pan European digital 1.0 watt
DCS1800/PCS1900 handheld radios, the MRFIC1817 is specified for 32 dBm
output power with power gain over 27 dB from a 3.6 volt supply. To achieve this
superior performance, Motorola’s planar GaAs MESFET process is employed.
The device is packaged in the PFP–16 Power Flat Package which gives
excellent thermal and electrical performance through a solderable backside
contact while allowing the convenience and cost benefits of reflow soldering.
• Minimum Output Power Capabilities
32 dBm @ 3.6 Volts
30 dBm @ 3.0 Volts
• Typical Volt Characteristics
RF Input Power = 5.0 dBm
RF Output Power = 33.5 dBm
Typical PAE = 42%
• Low Current required from Negative Supply – 2 mA max
• Guaranteed Stability and Ruggedness
• Order MRFIC1817R2 for Tape and Reel.
R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M1817
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, ZO = 50 Ω, unless otherwise noted)
Rating
Symbol
Value
Unit
DC Positive Supply Voltage
VD1, 2, 3
6
Vdc
DC Negative Supply Voltage
VSS
–5
Vdc
RF Input Power
Pin
10
dBm
RF Output Power
Pout
35
dBm
Operating Case Temperature Range
TC
– 35 to +85
°C
Storage Temperature Range
Tstg
–55 to +150
°C
Thermal Resistance, Junction to Case
R
θJC
10
°C/W
1
2
3
4
7
6
5
8
9
10
11
12
13
14
15
16
Pin Connections and Functional Block Diagram
GND
N/C
RF OUT
RF OUT
VD2
VD3
GND
VD2
N/C
VG
N/C
VD1
GND
RF OUT
RF OUT
RF IN
Order this document
by MRFIC1817/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRFIC1817
CASE 978–02
(PFP–16)
1700–1900 MHz MMIC
DCS1800/PCS1900
INTEGRATED POWER AMPLIFIER
GaAs MONOLITHIC
INTEGRATED CIRCUIT
© Motorola, Inc. 1997


Similar Part No. - MRFIC1817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
MRFIC1814 MOTOROLA-MRFIC1814 Datasheet
79Kb / 4P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
RF Micro Devices
RF2145 RFMD-RF2145 Datasheet
76Kb / 6P
   DCS1800/1900 POWER AMPLIFIER
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
Motorola, Inc
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
RMBA19500A FAIRCHILD-RMBA19500A Datasheet
88Kb / 7P
   PCS1900 2 Watt GaAs MMIC Power Amplifier
logo
Toshiba Semiconductor
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
   GaAs Linear Integrated Circuit GaAs Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com