Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK3466 Datasheet(PDF) 10 Page - IK Semicon Co., Ltd

Part # IK3466
Description  IC for AC/DC Converter with built?밿n Power DMOS Transistor with Operating Frequency 132 짹 8 kHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3466 Datasheet(HTML) 10 Page - IK Semicon Co., Ltd

Back Button IK3466 Datasheet HTML 2Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 3Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 4Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 5Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 6Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 7Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 8Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 9Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 10Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IK3466
2012, April Ver. 00
N SUFFIX PLASTIC DIP
(MS – 001BA)
Symbol
MIN
MAX
A
8.51
10.16
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
10°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AA)
Symbol
MIN
MAX
A
4.8
5
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
1.27
5.72
Dimension, mm
Dimension, mm
2.54
7.62
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
8
4
5
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
8
4
5


Similar Part No. - IK3466

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3401 IKSEMICON-IK3401 Datasheet
484Kb / 11P
   Green Mode PWM Controller
More results

Similar Description - IK3466

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
logo
Altera Corporation
EPM3064ATI44-10N ALTERA-EPM3064ATI44-10N Datasheet
715Kb / 46P
   Built?밿n boundary-scan test circuitry compliant with
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
DB Lectro Inc
PB-12N24M-05Q DBLECTRO-PB-12N24M-05Q Datasheet
275Kb / 1P
   Resonant Frequency 2.4 짹 0.3 KHz
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8643FV ROHM-BD8643FV Datasheet
157Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com