Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK8102D Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IK8102D
Description  Low Drop Regulator for Automotive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK8102D Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IK8102D Datasheet HTML 1Page - IK Semicon Co., Ltd IK8102D Datasheet HTML 2Page - IK Semicon Co., Ltd IK8102D Datasheet HTML 3Page - IK Semicon Co., Ltd IK8102D Datasheet HTML 4Page - IK Semicon Co., Ltd IK8102D Datasheet HTML 5Page - IK Semicon Co., Ltd IK8102D Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
I K 8102
April, 2011, ver. 04
PKG DIMENSION
D SUFFIX SOIC
(MS - 012AA)
Symbol
MIN
MAX
A
4.80
5.00
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
H
J
NOTES:
K
0.10
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.80
6.20
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.50
1.27
5.72
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
8
4
5


Similar Part No. - IK8102D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK8001 IKSEMICON-IK8001 Datasheet
1Mb / 21P
   One-chip Multifunction Voltage Regulator
IK8001D2T IKSEMICON-IK8001D2T Datasheet
1Mb / 21P
   One-chip Multifunction Voltage Regulator
IK8006 IKSEMICON-IK8006 Datasheet
1Mb / 40P
   One-chip Multifunction Voltage Regulator
IK8006D2T IKSEMICON-IK8006D2T Datasheet
1Mb / 40P
   One-chip Multifunction Voltage Regulator
IK8006PD2T IKSEMICON-IK8006PD2T Datasheet
1Mb / 40P
   One-chip Multifunction Voltage Regulator
More results

Similar Description - IK8102D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5050S STMICROELECTRONICS-L5050S Datasheet
919Kb / 20P
   5 V low drop linear voltage regulator for automotive application
April 2019 Rev 3
logo
IK Semicon Co., Ltd
IK1101 IKSEMICON-IK1101 Datasheet
198Kb / 8P
   Low Drop Regulator with Signal Interface Logic Circuit for Automotive
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
STMicroelectronics
TEA7605 STMICROELECTRONICS-TEA7605 Datasheet
77Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2 Datasheet
217Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
logo
STMicroelectronics
L4988D STMICROELECTRONICS-L4988D Datasheet
969Kb / 32P
   Low drop voltage regulator
September 2013 Rev 6
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com