Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK62783 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IK62783
Description  8CH DARLINGTON SOURCE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK62783 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IK62783 Datasheet HTML 1Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 2Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 3Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 4Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 5Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 6Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 7Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 8Page - IK Semicon Co., Ltd IK62783 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IK62783/4
March, 2013, ver. 06
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Norm
Unit
Min
Max
VCC
Supply voltage
-
50
V
IOUT
Output current (one channel)
-
-500
mA
VIN
Input voltage for IK62783
-0.5
15
V
for IK62784
-0.5
30
VR
Clamp diode reverse voltage
-
50
V
IF
Clamp diode forward current
-
500
mA
Tstg
Storage temperature
-60
150
oC
PD
Power Dissipation
IK62783/4N
1.47
W
IK62783/4DW/DH
0.96
W
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATION MODES
Symbol
Parameter
Norm
Unit
Min
Max
VCC
Supply voltage
-
50
V
IOUT
Output current (one channel)
-
-350
mA
VR
Control pin diode reverse voltage
-
50
V
IF
Control pin diode forward current
-
400
mA
PD
Power Dissipation
IK62783/4N
-
0.52
W
IK62783/4DW/DH
-
0.4


Similar Part No. - IK62783

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK6207TQ-ER IKSEMICON-IK6207TQ-ER Datasheet
1Mb / 25P
   7-step individual dimming control for each grid
IK6208 IKSEMICON-IK6208 Datasheet
823Kb / 19P
   2 Channel PWM
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results

Similar Description - IK62783

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3783 KODENSHI-S3783 Datasheet
403Kb / 10P
   8CH Darlington TR Source Driver
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com